Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 228 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 224Page - STMicroelectronics L9680 Datasheet HTML 225Page - STMicroelectronics L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics L9680 Datasheet HTML 229Page - STMicroelectronics L9680 Datasheet HTML 230Page - STMicroelectronics L9680 Datasheet HTML 231Page - STMicroelectronics L9680 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 286 page
background image
Applications
L9680
228/286
DS11615 Rev 7
16.2
BOM (Bill of materials)
The following table summarizes the suggested BOM for application shown in Figure 71.
Table 20.Bill OF Materials
Component
Min
Typ
Max
Unit
Requirement
Note
C1
-
100
-
nF
50 V
Input capacitor (unprotected battery)
C2
-
2.2
-
μF
50 V
Input capacitor (protected battery)
C3
-
2.2
15
μF
50 V
ER Boost input capacitor
C4
-
100
-
nF
50 V
ER Boost ceramic output capacitor
C5
-
100
-
μF
50 V
ER Boost electrolytic output capacitor
C6
-
10
-
nF
25 V
VBATMON capacitor
C7
-
100
-
nF
50 V
SYNC Boost input capacitor
C8
-
47
-
μF
35 V
SYNC Boost output capacitor
C9
-
100
-
nF
50 V
SAT Buck input capacitor
C10
-
47
-
μF
35 V
SAT Buck output capacitor
C11
-
100
-
nF
50 V
VCC Buck input capacitor
C12
-
47
-
μF
16 V
VCC Buck output capacitor
C13
2.2
-
4.7
mF
35 V
ER capacitor
C14
-
10
-
nF
25 V
VSF capacitor (near device)
C15, C16,
C17, C18,
C19, C20
-
-
10
nF
25 V
SSxy capacitor
C21, C22,
C23, C24,
C25, C26,
C27, C28,
C29, C30,
C31, C32
13
22
455
nF
25 V
SFx capacitor
C33, C34,
C35, C36,
C37, C38,
C39, C40,
C41, C42,
C43, C44
13
22
455
nF
25 V
SRx capacitor
C45
-
100
-
nF
50 V
CVDD output capacitor
C46, C47,
C48, C49,
C50, C51,
C52, C53,
C54
-
22
-
nF
25 V
DCSx capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com