Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 230 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics L9680 Datasheet HTML 229Page - STMicroelectronics L9680 Datasheet HTML 230Page - STMicroelectronics L9680 Datasheet HTML 231Page - STMicroelectronics L9680 Datasheet HTML 232Page - STMicroelectronics L9680 Datasheet HTML 233Page - STMicroelectronics L9680 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 286 page
background image
Electrical characteristics
L9680
230/286
DS11615 Rev 7
17
Electrical characteristics
Every parameter in this chapter is fulfilled down to VINGOOD(max).
No device damage is granted to occur down to VINBAD(min).
GNDA pin is used as ground reference for the voltage measurements performed within the
device, unless otherwise stated.
All tables or parameters declared ‘Design Info’ are not tested during production testing
17.1
Configuration and control
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C.
Table 21. Configuration and control DC specifications
No
Symbol
Parameter
Conditions
Min Typ Max Unit
1
VNOV
Normal Operating
Voltage
Design Info
Depending on power supply
configuration
6
13
18
V
2
VJSV
Jump Start Voltage
Design Info
40°C ≤ Ta ≤ 50°C
18
-
26
V
3
VLDV
Load Dump Voltage
Transient
Design Info
26.5
-
40
V
4
WU_mon
WAKEUP Monitor
threshold
GNDSUBx as ground reference
-
-
1.5
V
5
WU_off
WAKEUP Off threshold
GNDSUBx as ground reference
Vin = 5.5 V and 35 V
2
2.5
3
V
6
WU_on
WAKEUP On threshold
GNDSUBx as ground reference
Vin = 5.5 V and 35 V
4
4.5
5
V
7
WURPD
WAKEUP Pull-down
Resistor
GNDSUBx as ground reference
120 300 480
kΩ
8
VBGOOD0
VBATMON Thresholds
SYS_CTL(VBATMON_TH_SEL)=00
or 11
5.5 5.75
6
V
9
VBBAD0
SYS_CTL(VBATMON_TH_SEL)=00
or 11
5
5.25 5.5
V
10
VBGOOD1
SYS_CTL(VBATMON_TH_SEL)=01 6.45 6.7 6.95
V
11
VBBAD1
SYS_CTL(VBATMON_TH_SEL)=01 5.95 6.2 6.45
V
12
VBGOOD2
SYS_CTL(VBATMON_TH_SEL)=10 7.5 7.75
8
V
13
VBBAD2
SYS_CTL(VBATMON_TH_SEL)=10
7
7.25 7.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com