Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 235 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 231Page - STMicroelectronics L9680 Datasheet HTML 232Page - STMicroelectronics L9680 Datasheet HTML 233Page - STMicroelectronics L9680 Datasheet HTML 234Page - STMicroelectronics L9680 Datasheet HTML 235Page - STMicroelectronics L9680 Datasheet HTML 236Page - STMicroelectronics L9680 Datasheet HTML 237Page - STMicroelectronics L9680 Datasheet HTML 238Page - STMicroelectronics L9680 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 286 page
background image
DS11615 Rev 7
235/286
L9680
Electrical characteristics
285
17.2
Internal analog reference
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Ta ≤ +95 °C
VINBAD0(min) ≤ VIN ≤ 35 V
Table 23. Open ground detection DC specifications
No
Symbol
Parameter
Conditions / Comments
Min Typ Max Unit
1 GNDAOPEN
GNDA open threshold
GNDSUBx=0
100 200 300
mV
2 GNDDOPEN
GNDD open threshold
GNDSUBx=0
100 200 300
mV
3 BSTGNDOPEN BSTGND open threshold
GNDSUBx=0
100 200 300
mV
4 IPU_BSTGND
BSTGND pull-up current
ER BOOST OFF and SYNC
BOOST OFF
130
-
270
µA
5 SATGNDOPEN SATGND open threshold
GNDSUBx=0
100 200 300
mV
6 IPU_SATGND
SATGND pull-up current
SATBUCK OFF
80
120 160
µA
7 VCCGNDOPEN VCCGND open threshold
GNDSUBx=0
100 200 300
mV
8 IPU_VCCGND
VCCGND pull-up current
VCC BUCK OFF
80
120 160
µA
Table 24. GND_OPEN_AC - Open ground detection DC specifications
No
Symbol
Parameter
Condition
Min Typ Max Unit
1 TFLT_GNDREFOPEN
GNDA and GNDD Open
Deglitch Filter Time
-
7
11
16
µs
2 TFLT_GNDREGOPEN
BSTGND, SATGND,
VCCGND Open Deglitch
Filter Time
-
1.9
2.3
2.7
µs
Table 25. Internal analog reference
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1
VBG1
Bandgap reference
Vin = 5.5 V and 35 V
-1%
1.2
+1%
V
2
VBG2
Bandgap monitor
Vin = 5.5 V and 35 V
-1%
1.2
+1%
V
3
VADC_GROUND ADC Ground reference
ADC total error included
90
104
120
mV
4
VADC_FULLSCALE ADC Full scale reference -
-1.5%
2.5
+1.5%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com