Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 239 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 235Page - STMicroelectronics L9680 Datasheet HTML 236Page - STMicroelectronics L9680 Datasheet HTML 237Page - STMicroelectronics L9680 Datasheet HTML 238Page - STMicroelectronics L9680 Datasheet HTML 239Page - STMicroelectronics L9680 Datasheet HTML 240Page - STMicroelectronics L9680 Datasheet HTML 241Page - STMicroelectronics L9680 Datasheet HTML 242Page - STMicroelectronics L9680 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 286 page
background image
DS11615 Rev 7
239/286
L9680
Electrical characteristics
285
17.6
Reset
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V, VCCx(min)  VCCx  VCCx(max),
VCC = 3.3 V or 5 V
Table 32. Reset DC specifications
No
Symbol
Parameter
Comment
Min
Typ Max Unit
1
VOH_RESET
RESET output voltage
ILOAD = -1.0 mA
VCC-0.4
-
VCC
V
2
VOL_RESET
ILOAD = 2.0 mA
0
-
0.4
V
3
RPD_RESET RESET pull down resistance
-
65
100
135
kΩ
4
VCOREUV
VCOREMON under voltage
threshold
-
1.08
1.11 1.14
V
5
VCOREOV
VCOREMON over voltage
threshold
-
1.26
1.29 1.32
V
6
RPD_VCORE
VCOREMON pull down
resistance
-
65
100
135
kΩ
7
VIH_ MCUFLT
MCUFAULTB high level input
voltage
-
2
-
-
V
8
VIL_ MCUFLT
MCUFAULTB Low level Input
Voltage
-
-
-
0.8
V
9
IPD_MCUFLT
MCUFAULTB Pull Down
Current
MCUFAULTB= VCC
20
45
70
µA
Table 33. Reset AC specifications
No
Symbol
Parameter
Comment
Min Typ Max Unit
1
TRISE_RESET
Rise time
50 pF load, 20%-80%
-
-
1.00
µs
2
TFALL_RESET
Fall time
-
-
1.00
µs
3
THOLD_RESET
Reset hold time
-
0.45 0.5 0.55 ms
4
TFLT_VCOREOV
VCOREMON over voltage
deglitch filter time
-
27
30
33
µs
5
TFLT_VCOREUV
VCOREMON under voltage
deglitch filter time
-
27
30
33
µs
6
TFLT_MCUFAULTB
MCUFAULTB Deglitch filter
time
-
9
10
11
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com