Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 242 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 238Page - STMicroelectronics L9680 Datasheet HTML 239Page - STMicroelectronics L9680 Datasheet HTML 240Page - STMicroelectronics L9680 Datasheet HTML 241Page - STMicroelectronics L9680 Datasheet HTML 242Page - STMicroelectronics L9680 Datasheet HTML 243Page - STMicroelectronics L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics L9680 Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 286 page
background image
Electrical characteristics
L9680
242/286
DS11615 Rev 7
17.8
ERBoost regulator
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V.
Table 36. ERBoost regulator DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
VO_ERBST
Boost output voltage
Across all line and IO_BST
load (steady state)
SYS_CTL(ER_BST_V)=0
22.6 23.8
25
V
2
Across all line and IO_BST
load (steady state)
1SYS_CTL(ER_BST_V)=1
31.65
33
35
V
3
IO_ERBST
Boost output current
-
0.1
-
70
mA
4
dVSR_ac
Line transient response
All line, load; dt=100us;
BST33V = 0/1
Design Info
-8%
-
8%
%
5
dVLR_ac
Load transient response
All line, load; dt=100us;
BST33V = 0/1
Design Info
-8%
-
8%
%
6
RDSON_ERBST
Power switch resistance
-
-
-
1
Ω
7
IOC_ERBST
Over current detection
-
650
-
1350
mA
8
IOC_ERBST_ERON
ER Switch activated AND
SW_REGS_CONF(LOW_E
RBST_ILIM_ERON) = 1
125
-
600
mA
9
ILKG_ERBST_OFF
ERBOOST input current
ERBOOST=40V
Power-off or Sleep Mode
-5
-
+5
µA
10
ILKG_ERBST_ON
Active or Passive Mode
ERBoost reg. enabled
ERBSTSW > ERBoost >
VER
ER Charge OFF
VSF regulator OFF
Any GPO channel not
enabled
Guarantee by design
60
-
200
µA
11 ILKG_ERBST_ON_wGPO
Active or Passive Mode
ERBoost reg. enabled
ERBSTSW > ERBoost >
VER
ER Charge OFF
VSF regulator OFF
All GPO channel activated
1.5
-
2.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com