Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 246 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 246 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 242Page - STMicroelectronics L9680 Datasheet HTML 243Page - STMicroelectronics L9680 Datasheet HTML 244Page - STMicroelectronics L9680 Datasheet HTML 245Page - STMicroelectronics L9680 Datasheet HTML 246Page - STMicroelectronics L9680 Datasheet HTML 247Page - STMicroelectronics L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 286 page
background image
Electrical characteristics
L9680
246/286
DS11615 Rev 7
17.10
ER switch
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V.
Table 40. ER CAP current generators and diagnostic AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TON_ERCAP
Energy reserve capacitor
charge-up time
CVER  10mF nominal,
BST33V = 0, Design Info
-
-
4
s
2
TESR_DIAG
ER CAP ESR diagnostic
duration
Total duration time from SPI
command to ADC results
availability
-5%
225
+5%
µs
3
TFLT_TSD_ERCHARGE
Thermal shutdown filter
time
-
-
-
10
µs
Table 41. ER Switch DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
RDSON_ERSW Power switch resistance
Vin = 5.5 V and 35 V
0.5
-
3
Ω
2
ILIM_ERSW
ER switch current limit
VER = 17 V @ VIN = 12 V
and
VER = 35 V @ VIN = 31 V
608
810
980
mA
3
VER_SW_OV_TH
ER switch Over Voltage
threshold
ER switch turned off when
VIN > VER + VER_SW_OV_TH
Vin = 12 V and 35 V
10
-
200
mV
4
TJSD_ERSW
Thermal shutdown
-
150
175
190
°C
5
THYS_TSDERSW
-
5
10
15
°C
Table 42. ER Switch AC specifications
No
Symbol
Parameter
Conditions
Min
Max
Unit
1
TON_ERSW
ER turn-on time (time to
reach either RDSON_ERSW or
ILIM_ERSW)
CVIN = 10 µF
-
-
5
µs
2
TFLT_TSD_ERSW Thermal shutdown filter time -
-
-
10
µs
3
TBLK_ERSW
ER switch activation
blanking time after thermal
shutdown
-
-
1
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com