Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 252 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 252 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 248Page - STMicroelectronics L9680 Datasheet HTML 249Page - STMicroelectronics L9680 Datasheet HTML 250Page - STMicroelectronics L9680 Datasheet HTML 251Page - STMicroelectronics L9680 Datasheet HTML 252Page - STMicroelectronics L9680 Datasheet HTML 253Page - STMicroelectronics L9680 Datasheet HTML 254Page - STMicroelectronics L9680 Datasheet HTML 255Page - STMicroelectronics L9680 Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 286 page
background image
Electrical characteristics
L9680
252/286
DS11615 Rev 7
3
IO_VCC3V_HI
VCCBUCK output current
VCCSEL < VTH1_L_VCCSEL
LOW_POWER_MODE = 0
20
-
420
mA
4
IO_VCC3V_LO
VCCSEL < VTH1_L_VCCSEL
LOW_POWER_MODE = 1
20
-
230
mA
5
IO_VCC5V_HI
VCCSEL > VTH1_H_VCCSEL
LOW_POWER_MODE = 0
20
-
270
mA
6
dVSR_ac
Line transient response
All line, load; dt=100 µs;
Design Info
-4%
-
4%
%
7
dVLR_ac
Load transient response
All line, load; dt=100 µs;
Design Info
-4%
-
4%
%
8 RDSON_VCCBCK_HS
High-side power switch
resistance
SATBUCK = 6.92 V and
9.36 V
-
-
0.6
9
RDSON_VCCBCK_LS
Low-side power switch
resistance
SATBUCK = 6.92 V and
9.36 V
-
-
0.6
10 IOC_HS_VCCBCK_HI
High-side over current
detection
SYS_CFG(LOW_POWER_
MODE) = 0
0.59
0.75
0.9
A
11 IOC_HS_VCCBCK_LO
SYS_CFG(LOW_POWER_
MODE) = 1
0.4
0.56
0.7
A
12
IOCP_LS_VCCBCK
Low-side positive over
current detection
VVCCBCKSW > 0
SYS_CFG(LOW_POWER_
MODE) = 0 / 1
1
-
100
mA
13 IOCN_LS_VCCBCK_HI
Low-side negative over
current detection
VVCCBCKSW = 0
LOW_POWER_MODE = 0
0.67
0.9
1.13
A
14 IOCN_LS_VCCBCK_LO
VVCCBCKSW = 0
LOW_POWER_MODE = 1
0.49
0.65
0.82
A
15
IOF_VCC
Open feedback current
on VCC
-
100
150
200
µA
16
VCCOV3V
VCC over voltage
detection
VCCSEL < VTH2_L_VCCSEL
3.43
-
3.6
V
17
VCCOV5V
VCCSEL > VTH2_H_VCCSEL
5.25
-
5.50
V
18
VCCUV3V
VCC under voltage
detection high
VCCSEL < VTH2_L_VCCSEL
3.0
-
3.17
V
19
VCCUV5V
VCCSEL > VTH2_H_VCCSEL
4.5
-
4.75
V
20
VCCUVL
VCC under voltage
detection low
-
1.8
2
2.2
V
Table 51. VCC regulator DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com