Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 255 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 255 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 251Page - STMicroelectronics L9680 Datasheet HTML 252Page - STMicroelectronics L9680 Datasheet HTML 253Page - STMicroelectronics L9680 Datasheet HTML 254Page - STMicroelectronics L9680 Datasheet HTML 255Page - STMicroelectronics L9680 Datasheet HTML 256Page - STMicroelectronics L9680 Datasheet HTML 257Page - STMicroelectronics L9680 Datasheet HTML 258Page - STMicroelectronics L9680 Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 286 page
background image
DS11615 Rev 7
255/286
L9680
Electrical characteristics
285
6 ΔILIM_OC_SR
Difference between Current
Limitation and OC Threshold ILIM_SR - IOC_SR
0.1
-
-
mA
7 RDSON_HSLS
Combined high-side MOS +
Low-side MOS On
Resistances
Ta = 95°C
-
-
2
Ω
8
IREV_SF
Reverse Current on SFx
Without device malfunction(1)
Not to be tested in series
production
-
-
-100
mA
9
ILKG_SS_OFF
SSxy leakage current
Device OFF
SSxy ≤ 35 V
SFx=SFy=0
-10
-
10
µA
10 ILKG_SS_ON_
1CH
Device ON
SSxy ≤ 35 V
SFx = 0
SSxy Leakage current of each
channel
Not Tested
70
100
130
µA
11 ILKG_SS_ON
Device ON
SSxy ≤ 35 V
SFx = SFy = 0
Total SSxy leakage current with
both x and y channels NOT
armed (= 2 * 100µA)
140
200
260
µA
12 ILKG_SS_CH_
ARMED
Device ON
SSxy ≤ 35 V
SFx = 0
Total SSxy leakage current with
only one channel armed (=520 +
100 µA)
450
620
850
µA
13 ILKG_SS_2CH
_ARMED
Device ON
SSxy ≤ 35 V
SFx = SFy = 0
Total SSxy leakage current with
both x and y channels armed (=
2* 520 µA)
Not Tested
884
1040 1196
µA
Table 56. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com