Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 258 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 258 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 254Page - STMicroelectronics L9680 Datasheet HTML 255Page - STMicroelectronics L9680 Datasheet HTML 256Page - STMicroelectronics L9680 Datasheet HTML 257Page - STMicroelectronics L9680 Datasheet HTML 258Page - STMicroelectronics L9680 Datasheet HTML 259Page - STMicroelectronics L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 286 page
background image
Electrical characteristics
L9680
258/286
DS11615 Rev 7
Figure 73. Deployment drivers diagram
GAPGPS01153
ESD/EMI Protection
Squib EMI
Protection
Squib Load
R_Squib
L_EMI
L_CS1
R_CS1
L_CS2
R_CS2
Clock Spring
Impedance
System Wiring Impedance
R_Wire 1
Wire Lenght (m)
kL_CS1 - L_CS2
L_Wire 1
R_Wire 2
L_Wire 2
C_SFx
SFx
SRx
C_SRx
Table 57. Deployment drivers – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
TDEPL
Deployment time
DCR_x(Dep_Current) =
IDEPL_LO ≥1.209A rising to
1.209A falling;
TDEPL =
DCR_x(Deploy_Time)*
TDEP_TIME_RES - TDEL_IDEP
-
DCR_
x(Depl
oy_Ti
me)*
TDEP
_TIM
E_RE
S - 65
-
-
DCR
_x(D
eploy
_Tim
e)*
TDEP
_TIME
_RES -
ms
2
3
4
TDEP_TIME_RES
DCR_x Deploy_Time
resolution
-
-
-
µs
5
TDEP_CC_RES
Deployment current counter
resolution
-
-
-
µs
6
TRISE_IDEPL
Rise time
10% - 90% of IDEPL
SSxy = 25 V,
RSQ = 2.2 ohm,
C = 22 nF L = 44 µH
-
-
32
µs
7
TDEL_IDEP
Delay time
SPI_CS to 90% IDEPL
-
-
65
µs
8
TFALL_IDEPL
Fall time
90% - 10% IDEPL
-
-
32
µs
9
TDEL_SD_LS
Low-side shutdown delay
time
(with respect to high-side
deactivation)
-
50
-
-
µs
1024
fosc
-------------
256
fosc
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com