Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 260 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 260 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 256Page - STMicroelectronics L9680 Datasheet HTML 257Page - STMicroelectronics L9680 Datasheet HTML 258Page - STMicroelectronics L9680 Datasheet HTML 259Page - STMicroelectronics L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 286 page
background image
Electrical characteristics
L9680
260/286
DS11615 Rev 7
8
SRISRC
Squib/pyroswitchresistance
measurement
current source slew-rate
-
3
7.5
12
mA/µs
9
VSRx_RM
SRx voltage during
resistance measurement
LPDIAGREQ(ISRC)=”01” or
“10”
LPDIAGREQ(ISINK)=1
0.4
0.7
1.2
V
10
ISINK_HI_SR SRx current sink limit high
LPDIAGREQ(ISRC_CURR_
SEL) = 0
LPDIAGREQ(ISINK) = 1
50
75
100
mA
11
ISINK_LO_SR SRx current sink limit low
LPDIAGREQ(ISRC_CURR_
SEL) = 1
LPDIAGREQ(ISINK) = 1
10
17.5
25
mA
12
IPD_SR_L
SRx current pull down
SYS_CTL(PD&VRCM_SEL) = 0
0.7
1
1.3
mA
13
IPD_SR_H
SYS_CTL(PD&VRCM_SEL) = 1
4.5
6
7.5
mA
14
RLKG_SF
SFx leakage resistance
Design info
1
-
-
kΩ
15
VLKG_SF
SFx leakage voltage source Design info
-1
-
18
V
16
RSQ_ACC
Squib/pyroswitchresistance
measurement accuracy
After software calculation
All errors included
RSQ between 1.0 Ω and 10.0 Ω
With High Current Source
(40 mA)
-8%
-
+8
%
17
-
EMI input low-pass filter
Design Info
50
-
100
kHz
Table 58. Deployment drivers diagnostics - Squib/pyroswitch resistance measurement
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com