Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 263 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 263 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 259Page - STMicroelectronics L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 286 page
background image
DS11615 Rev 7
263/286
L9680
Electrical characteristics
285
17.17.4 Deployment timer test
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V.
17.18
Remote sensor interface
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V, VSATBUCK(min)  VSATBUCK,
VSYNCBOOST(min)  VSYNCBOOST
17.18.1 PSI-5 interface
8
TFLT_LKGB_FT
Deglitch filter time
during FET test on
IHS_FET_TH /
ILS_FET_TH current
thresholds
-
0.8
1
1.2
µs
9
ILIM_HS_FET
HS FET current in HS
driver diagnostics
Not tested, see item # 1 in errata
sheet section
40
50
60
mA
10
SGxyOPEN
Squib/pyroswitch open
ground detection
GNDSUBx as ground reference
300
450
600
mV
11
TFLT_SGOPEN
Squib/pyroswitch open
ground detection filter
time
-
46
50
54
µs
Table 60. High/low-side FET test (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 61. Deployment timer test - AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
tPULSE_PERIOD
Deployment timer pulse
test period time
SYSDIAGREQ(DSTEST)=PULSE
7
8
9
ms
2
IPULSE_HIGH
Deployment timer pulse
test high time
-
DCR_x(
Deploy_
Time)*
TDEP_TIM
E_RES
-
µs
Table 62. PSI-5 satellite transceiver - DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
IRSU
Interface quiescent current -
-35
-
-4
mA
2
VRSU_MAX
Max. output voltage
excluding sync. pulse
(internal regulation,
VSATBUCK = VSYNCBOOST)
-
-
11
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com