Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 264 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 264 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 286 page
background image
Electrical characteristics
L9680
264/286
DS11615 Rev 7
3 VRSU_SYNC_MAX
Max. output voltage
including sync. pulse
(internal regulation,
VSYNCBOOST = VIN)
Syncboost = 12 V, 14.75 V,
18 V and 35 V
-
-
16.5
V
4
RRSU
RSU output resistance
From IRSU = -4 mA to -65 mA
3
-
9.5
5
ISTB_TH
Static reverse current into
SATBUCK or
SYNCBOOST pin
(VSUPPLY)
VRSUx > VSUPPLY + VRSU_STB
0.0
-
10
mA
6
VRSU_STB
Output short to battery
threshold
-
10.0
-
100
mV
7
IOCTH_PSI5
Over current detection
threshold
Interface disabled after
TFLT_OCTH_PSI5
-120
-
-66
mA
8
ILIM_PSI5
Output current limit
IRSUx
-130
-
-80
mA
9
ILIM_OC_PSI5
Difference between current
limitation and OC threshold ABS(ILIM_RSU) - ABS(IOCTH_RSU)
1
-
-
mA
10
IBO
Base current
Default value
-15%
-15
+15% mA
11
ILKGG
Trigger point for fault
current detection
To ground; detected by IB
-50.4
-42
-35
mA
12
ILKGB
To battery; detected by IB
-3.5
-
-1
13
IOL
Output open load detection
threshold
VRSUx = open
ILKGB
(min)
-
ILKGB
(max)
mA
14
DACRES
DAC resolution
-
-
10
-
Bit
15
ILSB
LSB current
Design Info
-
93.75
-
µA
16
Vt2
Sync pulse amplitude
IRSU = 4 - 35 mA
Referred to VRSUx voltage
before sync pulse
Syncboost = 12 V, 14.75 V,
18 V and 35 V
3.8
-
-
V
17
VSYNCDROP
Sync drop-out voltage
VSYNCBOOST - VRSUx
1
-
-
V
18
ILIM_SYNC_LS
Sync pulse current limit
(LS driver)
-
50
-
80
mA
19
ILIM_SYNC
Static current limitation for
each transceiver output
RSUx
During sync
pulse generator VRSUx=GND
-240
-
-120
mA
20
C1
Capacitor on RSUx
Regulator
22 nF nominal
Design Info
13
-
-
nF
21
RE2
RSU damping resistance
Design info
-
2.5
-
Ω
22
C2
ECU pin capacitance
5 nF nominal
Design Information, not tested
4
-
6
nF
23
-
Total number of sensors
connected to bus
Design info
1
-
3
-
Table 62. PSI-5 satellite transceiver - DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com