Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 265 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 265 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 261Page - STMicroelectronics L9680 Datasheet HTML 262Page - STMicroelectronics L9680 Datasheet HTML 263Page - STMicroelectronics L9680 Datasheet HTML 264Page - STMicroelectronics L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 286 page
background image
DS11615 Rev 7
265/286
L9680
Electrical characteristics
285
Table 63. PSI-5 satellite transceiver - AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TBit_125k
Bit time (125 kbps
mode)
At the sensor connector
7.6
8
8.4
μs
2
TBit_189k
Bit time (189 kbps
mode)
At the sensor connector
5
5.3
5.6
μs
3
TFLT_OCTH_PSI5
Over Current
Detection deglitch
filter time
Normal operation
500
-
600
μs
4
TBLK_OCTH_PSI5
Over Current
Detection
Blanking Time
At interface power on (BLKTxSEL = 0)
4.6
-
5.4
ms
5
At interface power on (BLKTxSEL = 1)
9.4
-
10.8
ms
6
TSTBTH
Reverse Battery
Blocking Enable
Time
-
12
-
16
μs
7
t0
Reference time
@0.5 V on top of V(RSUx)
Syncboost = 12 V, 14.75 V, 18 V and
35 V
-
0
-
-
8
t1
Start delay time
From t0 to SATSYNC
Syncboost = 12 V, 14.75 V, 18 V and
35 V
-3
-
-
μs
9
t2
Sync signal
sustain start
@ VRSU+3.8 V relative to t0
Syncboost = 12 V, 14.75 V, 18 V and
35 V
-
-
7
μs
10
SRRISE_RSU
Sync slope rising
slew rate
0.43
-
1.5
V/μs
11
SRFALL_RSU
Sync slope falling
slew rate
-1.5
-
-
V/μs
12
t3
Sync signal
sustain time
Design Info
16
-
-
µs
13
t4
Discharge time
limit
Design Info
-
-
35
µs
14
TBLANK
Decoder blanking
time (decoding
disabled)
Design Info
-
-
42
μs
15
TSYNC
Time between
two
sync pulses
Design Info
400
500
-
µs
16
TFLT_PSI5_HF
PSI5 Deglitch
filter time
F = 189 kbaud
Configurable by SPI (4bits)
1
-
2
μs
17
TFLT_PSI5_LF
PSI5 Deglitch
filter time
F = 125 kbaud
Configurable by SPI (4bits)
1.5
-
2.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com