Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 269 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 269 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 265Page - STMicroelectronics L9680 Datasheet HTML 266Page - STMicroelectronics L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 286 page
background image
DS11615 Rev 7
269/286
L9680
Electrical characteristics
285
12
VRSU_STB
Output Short to Battery
Threshold
10
-
100
mV
13
ISTBTH
Static reverse current into
SATBUCK or
SYNCBOOST pin
(V_supply)
VRSUx > V_supply + VRSUxSTB
0.0
-
10
mA
14
VOH_WS
WSx Output Voltage
ILOAD = -1mA
VCC-
0.5
-
VCC
V
15
VOL_WS
ILOAD = 1mA
-
-
0.4
V
16
ILKG_WS
WSx Output Leakage
Tri-state leakage
-10
-
10
μA
Table 64. WSS sensor - DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 65. WSS sensor - AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
TFLT_WS
WS Deglitch filter time
Configurable by SPI (4bits)
8
-
15.6
μs
2
-
Latency time
between receiving sensor data @
RSUx pin and reaching threshold
high level of WSx pin (trigger point
80% of RSUx modulated current)
-
-
2 +
TFLT_
WS
μs
3
-
Jitter on Latency time
Design Info
-
-
125
ns
4
TFLT_OCTH_WS
S
Over Current Detection
Deglitch filter time
-
500
-
600
μs
5
TFLT_OPEN_RS
U
Open Detection Deglitch
Filter Time
-
10
-
15
μs
6
TFLT_LKG_RSU
Leakage Deglitch Filter
Time
-
10
-
15
μs
7
TSTANDSTILL_T
H_L
Pulse duration to assert
standstill bit thresholds
-
1.13
-
-
ms
8
TSTANDSTILL_T
H_H
-
-
2.55
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com