Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 272 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 272 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics L9680 Datasheet HTML 274Page - STMicroelectronics L9680 Datasheet HTML 275Page - STMicroelectronics L9680 Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 286 page
background image
Electrical characteristics
L9680
272/286
DS11615 Rev 7
13
VOL_PSINHB
PSINHB output low
voltage
ILOAD = 2.0 mA
Internal safing selected
0
-
0.4
V
14
RPD_PSINHB
PSINHB pull down
resistance
-
65
100
135
kΩ
15
VIH_PSINHB
PSINHB high level input
voltage
-
2
-
-
V
16
VIL_PSINHB
PSINHB low level input
voltage
-
-
-
0.8
V
17
VIH_SAF_CSx
SAF_CSx high level input
voltage
-
2
-
-
V
18
VIL_SAF_CSx
SAF_CSx low level input
voltage
-
-
-
0.8
19
IPU_SAF_CSx
SAF_CSx pull up current
SAF_CSx = 0 V to
VIH_SAF_CSx(min)
-70
-45
-20
µA
Table 67. Arming Interface – DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 68. Arming interface – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TARM
Sensor sampling period
-
475
500
525
µs
2
TACL_HI
ACL period time thresholds
-
213
-
237
ms
3
TACL_LO
-
168
-
187
ms
4
TON_ACL_HI
ACL on-time thresholds
-
154
-
171
ms
5
TON_ACL_LO
-
114
-
126
ms
6
TVALID_ACL
Scrap validation
TACL and TON_ACL valid
-
3
-
-
cycles
7
TINVALID_ACL
Scrap invalid
TACL invalid
-
2
-
-
cycles
8 TSCRAP_TIMEOUT Scrap timeout timer
-
520
550
580
µs
9
fSCRAP_SEED
Scrap seed counter
frequency
-
-
-
MHz
10
TPULSE_STRECH
Arming enable pulse stretch
time
-
-
-
0
ms
11
-
30
32
34
ms
12
-
242
-
270
ms
13
-
1934
-
2162
ms
14
TRISE_ARM
ARMx rise time
50 pF load, 20% to 80%
internal safing selected
-
-
1.00
µs
15
TFALL_ARM
ARMx fall time
-
-
1.00
µs
16
TRISE_PSINHB PSINHB rise time
-
-
1.00
µs
17
TFALL_PSINHB PSINHB fall time
-
-
1.00
µs
ƒosc
16
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com