Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 271 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 267Page - STMicroelectronics L9680 Datasheet HTML 268Page - STMicroelectronics L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics L9680 Datasheet HTML 274Page - STMicroelectronics L9680 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 286 page
background image
DS11615 Rev 7
271/286
L9680
Electrical characteristics
285
17.20
Safing engine
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V, VCCx(min)  VCCx  VCCx(max),
VCC = 3.3 V or 5 V.
17
IPD_DCS_TOT
DCSx total current
pull down
IPD_DCS_TOT = IPD_DCS + RPD_DCS
VDCS = 6.5 V
160
240
330
µA
18
CDCS
Output capacitance
Design Info
10
-
-
nF
19
IREF_DCS
Internal Current
Reference for DCS
Current Measurement
-
-5%
300
+5%
µA
20
Ratio_VDCS Divider ratio for DCSx
voltage measurement
-
-3%
7.125 +3% V/V
21
VOFF_DCS
DCSx internal offset
during voltage
measurement
-
0.35
0.375
0.39
V
Table 66. DC Sensor interface specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 67. Arming Interface – DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
VTH_H_ACL
ACL input voltage
thresholds
-
2.33
-
2.5
V
2
VTH_L_ACL
-
1.58
-
1.71
V
3
VHYS_ACl
ACL hysteresis
-
0.6
0.75
0.9
V
4
RPD_ACL
ACL pull down resistance
VACL = 3.3V
150
210
270
kΩ
5
VOH_ARM
ARMx output high voltage
ILOAD = -0.5 mA
internal safing selected
VCC-0.60
-
VCC
V
6
VOL_ARM
ARMx output low voltage
ILOAD = 2.0 mA
internal safing selected
0
-
0.4
V
7
RPD_ARM
ARMx pull down
resistance
-
65
100
135
kΩ
8
VIH_ARM
ARMx high level input
voltage
-
2
-
-
V
9
VIL_ARM
ARMx low level input
voltage
-
-
-
0.8
V
10 RPD_ARMx, x=1,2,3
ARM1,2,3 pull down
resistor
External safing selected
60
100
140
kΩ
11
IPU_ARM4
ARM4 pull up current
ARM4 = 0V
external safing selected
-100
-75
-50
µA
12
VOH_PSINHB
PSINHB output high
voltage
ILOAD = -0.5 mA
Internal safing selected
VCC-0.60
-
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com