Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 257 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 257 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 253Page - STMicroelectronics L9680 Datasheet HTML 254Page - STMicroelectronics L9680 Datasheet HTML 255Page - STMicroelectronics L9680 Datasheet HTML 256Page - STMicroelectronics L9680 Datasheet HTML 257Page - STMicroelectronics L9680 Datasheet HTML 258Page - STMicroelectronics L9680 Datasheet HTML 259Page - STMicroelectronics L9680 Datasheet HTML 260Page - STMicroelectronics L9680 Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 286 page
background image
DS11615 Rev 7
257/286
L9680
Electrical characteristics
285
25
CSSxy
SSxy Capacitance
Maximum capacitance to GND
connected directly to SSxy pin
Design Information
-
-
10
nF
26
RSFLx
Load Impedance
Design Info
-
-
6.5
Ω
27
Wire Length
Squib/pyroswitch Loops
containing a clock spring shall be
limited to a maximum length of
3m
1
-
10
m
28
RWirex
Wire Resistance
Design Info
16.8
-
63.4 mΩ/
m
29
LWirex
Wire Inductance
Design Info
0.6
-
1.8
µH/
m
30
RCSx
Clock Spring Resistance
Maximum number of clock
springs is 3 for any IC
Design Info
0
-
0.7
Ω
31
LCSx
Clock Spring Inductance
Design Info
0
-
42.9
µH
32
kL_CS1 –
L_CS2
Clock Spring Coupling
Design Info
0.739
-
0.903
-
33
LEMI
Squib/pyroswitch EMI
protection
Design Info
0
-
7.7
µH
1. In case of an unsupplied device and shorted deployment pins (e.g. to battery voltage), the dynamic reverse current through
the high-side power stage depends on CSSxy.
2. LDEPL could be calculated in the following way:
Non-Clock Spring Loops: LDEPL(max) = LWire(10m*2) + LEMI = (3.6uH/m * 10m) + 7.7uH =43.7uH
Clock Spring Loops: LWire(3m*2) + 2*LCSx + LEMI - (2*kL_CX*SQRT(L_CS1*L_CS2)) = = (3.6uH/m * 3m) + 2 * 42.9uH + 7.7uH -
(2 * 0.739 * 42.9uH) = 40.9uHClock Spring Loops with short to ground
LDEPL(max) = LWire(3m) + LCSx + LEMI = (1.8uH/m * 3m) + 42.9uH + 7.7uH = 56uH.
Table 56. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com