Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 278 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 278 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 274Page - STMicroelectronics L9680 Datasheet HTML 275Page - STMicroelectronics L9680 Datasheet HTML 276Page - STMicroelectronics L9680 Datasheet HTML 277Page - STMicroelectronics L9680 Datasheet HTML 278Page - STMicroelectronics L9680 Datasheet HTML 279Page - STMicroelectronics L9680 Datasheet HTML 280Page - STMicroelectronics L9680 Datasheet HTML 281Page - STMicroelectronics L9680 Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 286 page
background image
Electrical characteristics
L9680
278/286
DS11615 Rev 7
17.23
Voltage diagnostics (Analog MUX)
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35V.
17.24
Temperature sensor
All electrical characteristics are valid for the following conditions unless otherwise noted:
40 °C  Ta  +95 °C, VINGOOD0  VIN  35 V.
Table 72. Voltage diagnostics (Analog MUX)
No
Symbol
Parameter
Conditions
Min
Typ
Max Units
1
Ratio_1
Divider ratios
VIN_RANGE_1 = 0.1 V to 2.5 V
-
1
-
V/V
2
Ratio_4
VINPUT_RANGE_4 = 1 V to 10 V
-3%
4
+3%
V/V
3
Ratio_7
VINPUT_RANGE_7 = 1.5V to
17.5V
-3%
7
+3%
V/V
4
Ratio_10
VINPUT_RANGE_10 = 2 V to 25 V
-3%
10
+3%
V/V
5
Ratio_15
VINPUT_RANGE_15 = 3 V to 35 V
-3%
15
+3%
V/V
6
Offset
Divider Offset
High impedance
-10
-
10
mV
7
RRATIO_4
Multiplexer input
resistance
Multiplexer input to GNDA
80
-
-
kΩ
8
RRATIO_7
Multiplexer input to GNDA
120
-
-
kΩ
9
RRATIO_10
Multiplexer input to GNDA
160
-
-
kΩ
10
RRATIO_15
Multiplexer input to GNDA
200
-
-
kΩ
11
ILEAK_MUX_ON
Additional multiplexer
on-state input leakage
current
For all divider ratio expect
ratio_1
-
-
60
µA
12
VMEAS_ACC
Voltage measurement
accuracy
(±15LSB) plus divider error (±3%)
Table 73. Temperature sensor specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TMON_RANGE
Monitoring temperature
range
-
-40
-
150
°C
2
TMON_ACC
Monitoring temperature
accuracy
-
-15
-
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com