Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 280 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 280 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 276Page - STMicroelectronics L9680 Datasheet HTML 277Page - STMicroelectronics L9680 Datasheet HTML 278Page - STMicroelectronics L9680 Datasheet HTML 279Page - STMicroelectronics L9680 Datasheet HTML 280Page - STMicroelectronics L9680 Datasheet HTML 281Page - STMicroelectronics L9680 Datasheet HTML 282Page - STMicroelectronics L9680 Datasheet HTML 283Page - STMicroelectronics L9680 Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 286 page
background image
Errata sheet
L9680
280/286
DS11615 Rev 7
19
Errata sheet
Table 74. Errata sheet
#
Component
Revision
Category /
Function
Issue Description
1
L9680CC
Deployment
Diagnostic
The high-side driver diagnostic, described in section on page
174, doesn’t work. As a consequence, the ILIM_HS_FET parameter
is not tested in production.
2
L9680CC
WSS Over
current
detection
The over current threshold doesn’t work. The user can use the
leakage to ground flag to understand if a fault condition is
present. The interface is anyway protected by means of thermal
protection.
3
L9680CC
Safing
engine
The safing records associated with CS_RS validate and process
data with matching request/response masks even if these are not
coming from CS_RS frames but from frames sniffed on
SAF_CSx.
This may lead to issues when expansion chip is used and
CS_RS frames sent on expansion are sniffed by SAF_CSx at
SBC side; the SBC fails to check its own CS_RS and therefore
all RSUs safing records CC with matching request/response
masks of expansion RSUs safing records will be updated upon
the processing of the expansion RSU SPI data.
Workaround: use two different values for WID SPI bit when
addressing CS_RS at SBC (ie WID=1) and expansion (WID=0)
side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com