Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 284 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 284 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 278Page - STMicroelectronics L9680 Datasheet HTML 279Page - STMicroelectronics L9680 Datasheet HTML 280Page - STMicroelectronics L9680 Datasheet HTML 281Page - STMicroelectronics L9680 Datasheet HTML 282Page - STMicroelectronics L9680 Datasheet HTML 283Page - STMicroelectronics L9680 Datasheet HTML 284Page - STMicroelectronics L9680 Datasheet HTML 285Page - STMicroelectronics L9680 Datasheet HTML 286Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 284 / 286 page
background image
Revision history
L9680
284/286
DS11615 Rev 7
22
Revision history
Table 77. Document revision history
Date
Revision
Changes
03-May-2016
1
Initial release.
23-Oct-2018
2
Modified in Table 1: Absolute maximum ratings the max. values for
all SRx pins name from 40 V to 35 V.
Updated:
– Section 5.2: Deployment drivers on page 24,
– Section 6.2.5: Power-up and power-down sequences,
– Section 6.10: VCOREMON external core voltage monitor’
– Section 9.1.1: Functional description’
– Table 25: Internal regulator DC specifications on page 236,
– General conditions in Section 17.5: Oscillators on page 238,
– Table 31: Reset DC specifications on page 239,
– Table 34: SPI AC specifications on page 241,
– Table 34: SPI AC specifications on page 241,
– Table 38: ER CAP current generators and diagnostic DC
specifications on page 245,
– Table 40: ER Switch DC specifications on page 246,
– Table 44: SYNCBOOST converter DC specifications,
– Table 47: SATBUCK converter DC specifications on page 250,,
– Table 50: VCC converter DC specifications,
– Table 57: Deployment drivers diagnostics - Squib/pyroswitch
resistance measurement on page 259,
– General conditions in Section 17.17.2: Squib/pyroswitch
leakage test (VRCM) on page 261,
– Table 61: PSI-5 satellite transceiver - DC specifications on
page 263,
– Table 62: PSI-5 satellite transceiver - AC specifications on
page 265,
– Table 65: DC Sensor interface specifications on page 270,
– Table 68: GPO interface DC specifications on page 273,
– Table 71: Voltage diagnostics (Analog MUX) on page 278.
– Corrected in Section 7.3.29 “register HIGH_LEV_DIAG_SEL”
for “0100” from “unused” to “ER cap ESR measure” and
Section 7.3.31 “register HIGH_LEV_DIAG_SEL” for “100” from
“unused” to “ER cap ESR measure”.
– Updated Section 19: Errata sheet on page 280.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com