Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 16 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 16 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 12Page - Texas Instruments CSD97396Q4M Datasheet HTML 13Page - Texas Instruments CSD97396Q4M Datasheet HTML 14Page - Texas Instruments CSD97396Q4M Datasheet HTML 15Page - Texas Instruments CSD97396Q4M Datasheet HTML 16Page - Texas Instruments CSD97396Q4M Datasheet HTML 17Page - Texas Instruments CSD97396Q4M Datasheet HTML 18Page - Texas Instruments CSD97396Q4M Datasheet HTML 19Page - Texas Instruments CSD97396Q4M Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1
a1
5
4
c1
8
D2
•°
0.300
(x45°)
CSD97396Q4M
SLPS572 – DECEMBER 2015
www.ti.com
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
11.1 Mechanical Drawing
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.800
0.900
1.000
0.031
0.035
0.039
a1
0.000
0.000
0.080
0.000
0.000
0.003
b
0.150
0.200
0.250
0.006
0.008
0.010
b1
2.000
2.200
2.400
0.079
0.087
0.095
b2
0.150
0.200
0.250
0.006
0.008
0.010
c1
0.150
0.200
0.250
0.006
0.008
0.010
D2
3.850
3.950
4.050
0.152
0.156
0.160
E
4.400
4.500
4.600
0.173
0.177
0.181
E1
3.400
3.500
3.600
0.134
0.138
0.142
E2
2.000
2.100
2.200
0.079
0.083
0.087
e
0.400 TYP
0.016 TYP
K
0.300 TYP
0.012 TYP
L
0.300
0.400
0.500
0.012
0.016
0.020
L1
0.180
0.230
0.280
0.007
0.009
0.011
θ
0.00
—
—
0.00
—
—
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com