Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments CSD97396Q4M Datasheet HTML 10Page - Texas Instruments CSD97396Q4M Datasheet HTML 11Page - Texas Instruments CSD97396Q4M Datasheet HTML 12Page - Texas Instruments CSD97396Q4M Datasheet HTML 13Page - Texas Instruments CSD97396Q4M Datasheet HTML 14Page - Texas Instruments CSD97396Q4M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Switching Frequency (kHz)
200
400
600
800 1000 1200 1400 1600 1800 2000 2200
0
5
10
15
20
25
30
35
40
D009
TC - Junction Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
8.7
8.8
8.9
9
9.1
9.2
9.3
9.4
9.5
D010
Output Voltage (V)
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0.7
-3.3
0.8
-2.2
0.9
-1.1
1
0.0
1.1
1.1
1.2
2.2
1.3
3.3
1.4
4.4
D007
Output Inductance (nH)
0
200
400
600
800
1000
1200
0.85
-1.7
0.9
-1.1
0.95
-0.6
1
0.0
1.05
0.6
1.1
1.1
1.15
1.7
1.2
2.2
D008
Switching Frequency (kHz)
200
400
600
800 1000 1200 1400 1600 1800 2000 2200
0.95
-0.5
1
0.0
1.05
0.5
1.1
1.1
1.15
1.6
1.2
2.2
1.25
2.7
1.3
3.3
1.35
3.8
D005
Input Voltage (V)
3
5
7
9
11
13
15
17
19
21
23
0.98
-0.2
1
0.0
1.02
0.2
1.04
0.4
1.06
0.7
1.08
0.9
1.1
1.1
1.12
1.3
1.14
1.6
D006
CSD97396Q4M
www.ti.com
SLPS572 – DECEMBER 2015
Typical Application (continued)
TJ = 125°C, unless stated otherwise. The Typical CSD97396Q4M System Characteristic curves (see Figure 6 and Figure 7)
are based on measurements made on a PCB design with dimensions of 4.0" (W) × 3.5" (L) × 0.062" (T) and 6 copper layers
of 1 oz. copper thickness. See System Example for detailed explanation.
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
IOUT = 25 A
VDD = 5 V
VOUT = 1.8 V
IOUT = 25 A
LOUT = 0.29 µH
ƒSW = 500 kHz
LOUT = 0.29 µH
Figure 8. Normalized Power Loss vs Frequency
Figure 9. Normalized Power Loss vs Input Voltage
VIN = 12 V
VDD = 5 V
IOUT = 25 A
VIN = 12 V
VDD = 5 V
IOUT = 25 A
ƒSW = 500 kHz
LOUT = 0.29 µH
ƒSW = 500 kHz
VOUT = 1.8 V
Figure 10. Normalized Power Loss vs Output Voltage
Figure 11. Normalized Power Loss vs Output Inductance
VIN = 12 V
VDD = 5 V
IOUT = 25 A
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
LOUT = 0.29 µH
VOUT = 1.8 V
IOUT = 25 A
LOUT = 0.29 µH
Figure 12. Driver Current vs Frequency
Figure 13. Driver Current vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com