Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 3 Page - Texas Instruments

  CSD97396Q4M Datasheet HTML 1Page - Texas Instruments CSD97396Q4M Datasheet HTML 2Page - Texas Instruments CSD97396Q4M Datasheet HTML 3Page - Texas Instruments CSD97396Q4M Datasheet HTML 4Page - Texas Instruments CSD97396Q4M Datasheet HTML 5Page - Texas Instruments CSD97396Q4M Datasheet HTML 6Page - Texas Instruments CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PWM
8
7
6
5
4
9
P
GND
1
V
IN
SKIP#
V
SW
V
DD
P
GND
BOOT
BOOT_R
2
3
CSD97396Q4M
www.ti.com
SLPS572 – DECEMBER 2015
5 Pin Configuration and Functions
SON 3.5 × 4.5 mm
Top View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
SKIP#
This pin enables the Diode Emulation function. When this pin is held low, diode emulation mode is enabled for the
Sync FET. When SKIP# is high, the CSD97396Q4M operates in forced continuous conduction mode. A tri-state
voltage on SKIP# puts the driver into a very low power state.
2
VDD
Supply voltage to gate drivers and internal circuitry.
3
PGND
Power ground, needs to be connected to Pin 9 and PCB
4
VSW
Voltage switching node – pin connection to the output inductor.
5
VIN
Input voltage pin. Connect input capacitors close to this pin.
6
BOOT_R
Bootstrap capacitor connection. Connect a minimum 0.1 µF 16 V X5R, ceramic cap from BOOT to BOOT_R pins. The
bootstrap capacitor provides the charge to turn on the Control FET. The bootstrap diode is integrated. Boot_R is
7
BOOT
internally connected to VSW.
8
PWM
Pulse width modulated 3-state input from external controller. Logic low sets Control FET gate low and Sync FET gate
high. Logic high sets Control FET gate high and Sync FET gate Low. Open or High Z sets both MOSFET gates low if
greater than the Tri-State Shutdown Hold-off Time (t3HT)
9
PGND
Power Ground
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com