Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 5 Page - Texas Instruments

  CSD97396Q4M Datasheet HTML 1Page - Texas Instruments CSD97396Q4M Datasheet HTML 2Page - Texas Instruments CSD97396Q4M Datasheet HTML 3Page - Texas Instruments CSD97396Q4M Datasheet HTML 4Page - Texas Instruments CSD97396Q4M Datasheet HTML 5Page - Texas Instruments CSD97396Q4M Datasheet HTML 6Page - Texas Instruments CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CSD97396Q4M
www.ti.com
SLPS572 – DECEMBER 2015
6.5 Electrical Characteristics
TA = 25°C, VDD = POR to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLOSS
VIN = 12 V, VDD = 5 V, VOUT = 1.8 V, IOUT = 15 A,
Power Loss(1)
1.9
W
ƒSW = 500 kHz, LOUT = 0.29 µH, TJ = 25°C
VIN = 19 V, VDD = 5 V, VOUT = 1.8 V, IOUT = 15 A,
Power Loss(2)
2.2
W
ƒSW = 500 kHz, LOUT = 0.29 µH, TJ = 25°C
VIN = 19 V, VDD = 5 V, VOUT = 1.8 V, IOUT = 15 A,
Power Loss(2)
2.6
W
ƒSW = 500 kHz, LOUT = 0.29 µH, TJ = 125°C
VIN
IQ
VIN quiescent current
PWM = Floating, VDD = 5 V, VIN= 24 V
1
µA
VDD
PWM = Float, SKIP# = VDD or 0 V
130
µA
IDD
Standby supply current
SKIP# = Float
8
µA
IDD
Operating supply current
PWM = 50% Duty cycle, ƒSW = 500 kHz
7.8
mA
POWER-ON RESET AND UNDERVOLTAGE LOCKOUT
VDD Rising
Power-on reset
4.15
V
VDD Falling
UVLO
3.7
V
Hysteresis
0.2
mV
PWM AND SKIP# I/O SPECIFICATIONS
Pull up to VDD
1700
RI
Input impedance
k
Ω
Pull down (to GND)
800
VIH
Logic level high
2.65
VIL
Logic level low
0.6
V
VIH
Hysteresis
0.2
VTS
Tri-state voltage
1.3
2
Tri-state activation time
tTHOLD(off1)
60
(falling) PWM(2)
ns
Tri-state activation time
tTHOLD(off2)
60
(rising) PWM(2)
Tri-state activation time
tTSKF
1
(falling) SKIP#(2)
µs
Tri-state activation time
tTSKR
1
(rising) SKIP# (2)
t3RD(PWM)
Tri-state exit time PWM(2)
100
ns
t3RD(SKIP#)
Tri-state exit time SKIP#(2)
50
µs
BOOTSTRAP SWITCH
VFBST
Forward voltage
IF = 10 mA
120
240
mV
IRLEAK
Reverse leakage(2)
VBST – VDD = 25 V
2
µA
(1)
Measurement made with six 10 µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins.
(2)
Specified by design.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com