Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 10 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 6Page - Texas Instruments CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments CSD97396Q4M Datasheet HTML 10Page - Texas Instruments CSD97396Q4M Datasheet HTML 11Page - Texas Instruments CSD97396Q4M Datasheet HTML 12Page - Texas Instruments CSD97396Q4M Datasheet HTML 13Page - Texas Instruments CSD97396Q4M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Ambient Temperature (qC)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
D003
400 LFM
200 LFM
100 LFM
Nat. conv.
Board Temperature (qC)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
D004
Min
Typ
TC - Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
D002
Output Current (A)
3
6
9
12
15
18
21
24
27
30
0
2
4
6
8
10
12
D001
Typ
Max
CSD97396Q4M
SLPS572 – DECEMBER 2015
www.ti.com
Typical Application (continued)
8.2.1 Application Curves
TJ = 125°C, unless stated otherwise. The Typical CSD97396Q4M System Characteristic curves (see Figure 6 and Figure 7)
are based on measurements made on a PCB design with dimensions of 4.0" (W) × 3.5" (L) × 0.062" (T) and 6 copper layers
of 1 oz. copper thickness. See System Example for detailed explanation.
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
ƒSW = 500 kHz
LOUT = 0.29 µH
ƒSW = 500 kHz
LOUT = 0.29 µH
Figure 4. Power Loss vs Output Current
Figure 5. Power Loss vs Temperature
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
ƒSW = 500 kHz
LOUT = 0.29 µH
ƒSW = 500 kHz
LOUT = 0.29 µH
Figure 7. Typical Safe Operating Area
Figure 6. Safe Operating Area – PCB Horizontal Mount
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com