Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 2Page - Texas Instruments CSD97396Q4M Datasheet HTML 3Page - Texas Instruments CSD97396Q4M Datasheet HTML 4Page - Texas Instruments CSD97396Q4M Datasheet HTML 5Page - Texas Instruments CSD97396Q4M Datasheet HTML 6Page - Texas Instruments CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments CSD97396Q4M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CSD97396Q4M
SLPS572 – DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The CSD97396Q4M NexFET™ Power Stage is a highly optimized design for use in a high-power, high-density
synchronous buck converter.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Powering CSD97396Q4M and Gate Drivers
An external VDD voltage is required to supply the integrated gate driver IC and provide the necessary gate drive
power for the MOSFETs. A 1 µF 10 V X5R or higher ceramic capacitor is recommended to bypass VDD pin to
PGND. A bootstrap circuit to provide gate drive power for the Control FET is also included. The bootstrap supply
to drive the Control FET is generated by connecting a 100 nF 16 V X5R ceramic capacitor between BOOT and
BOOT_R pins. An optional RBOOT resistor can be used to slow down the turn on speed of the Control FET and
reduce voltage spikes on the VSW node. A typical 1 Ω to 4.7 Ω value is a compromise between switching loss
and VSW spike amplitude.
7.3.2 Undervoltage Lockout (UVLO) Protection
The UVLO comparator evaluates the VDD voltage level. As VVDD rises, both the Control FET and Sync FET
gates hold actively low at all times until VVDD reaches the higher UVLO threshold (VUVLO_H)., Then the driver
becomes operational and responds to PWM and SKIP# commands. If VDD falls below the lower UVLO threshold
(VUVLO_L = VUVLO_H – Hysteresis), the device disables the driver and drives the outputs of the Control FET and
Sync FET gates actively low. Figure 1 shows this function.
CAUTION
Do not start the driver in the very low power mode (SKIP# = Tri-state).
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com