Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 1 Page - Texas Instruments

  CSD97396Q4M Datasheet HTML 1Page - Texas Instruments CSD97396Q4M Datasheet HTML 2Page - Texas Instruments CSD97396Q4M Datasheet HTML 3Page - Texas Instruments CSD97396Q4M Datasheet HTML 4Page - Texas Instruments CSD97396Q4M Datasheet HTML 5Page - Texas Instruments CSD97396Q4M Datasheet HTML 6Page - Texas Instruments CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
V
CC
PWM1
+I
s1
-I
s2
+NTC
-NTC
+I
s2
-I
s2
PWM2
V
OUT
SS
RT
V
CC
V
OUT
V
OUT
V
IN
Multi-Phase
Controller
CSD97396
CSD97396
P
GND
Output Current (A)
0
5
10
15
20
25
30
50
0
60
2
70
4
80
6
90
8
100
10
D000
VDD = 5 V
VIN = 12 V
VOUT = 1.8 V
LOUT = 0.29 PH
fSW = 500 kHz
TA = 25qC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD97396Q4M
SLPS572 – DECEMBER 2015
CSD97396Q4M Synchronous Buck NexFET™ Power Stage
1 Features
2 Applications
1
•
Over 93% System Efficiency at 15 A
•
Ultrabook/Notebook DC/DC Converters
•
Max Rated Continuous Current 30 A, Peak 65 A
•
Multiphase Vcore and DDR Solutions
•
High Frequency Operation (up to 2 MHz)
•
Point-of-Load Synchronous Buck in Networking,
Telecom, and Computing Systems
•
High Density – SON 3.5 mm × 4.5 mm Footprint
•
Ultra-Low Inductance Package
3 Description
•
System-Optimized PCB Footprint
The CSD97396Q4M NexFET™ Power Stage is a
•
Ultra-Low Quiescent (ULQ) Current Mode
highly optimized design for use in a high-power, high-
•
3.3 V and 5 V PWM Signal Compatible
density synchronous buck converter. This product
integrates the driver IC and NexFET technology to
•
Diode Emulation Mode With FCCM
complete the power stage switching function. The
•
Input Voltages up to 24 V
driver IC has a built-in selectable diode emulation
•
Tri-State PWM Input
function that enables DCM operation to improve light
load efficiency. In addition, the driver IC supports
•
Integrated Bootstrap Diode
ULQ mode that enables connected standby for
•
Shoot-Through Protection
Windows® 8. With the PWM input in tri-state,
•
RoHS Compliant – Lead Free Terminal Plating
quiescent current is reduced to 130 µA, with
immediate response. When SKIP# is held at tri-state,
•
Halogen Free
the current is reduced to 8 µA (typically 20 µs is
required to resume switching). This combination
produces a high current, high efficiency, and high
speed switching device in a small 3.5 × 4.5 mm
outline package. In addition, the PCB footprint is
optimized to help reduce design time and simplify the
completion of the overall system design.
Device Information(1)
ORDER NUMBER
PACKAGE
MEDIA AND QTY
CSD97396Q4M
13-inch reel
2500
SON 3.5 × 4.5 mm
Plastic Package
CSD97396Q4MT
7-inch reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Application Diagram
Typical Power Stage Efficiency and Power Loss
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD97396Q4M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
CSD97396Q4M TI2-CSD97396Q4M Datasheet
553Kb / 19P
CSD97396Q4M Synchronous Buck NexFET™ Power Stage
DECEMBER 2015
CSD97396Q4M.B TI2-CSD97396Q4M.B Datasheet
553Kb / 19P
CSD97396Q4M Synchronous Buck NexFET™ Power Stage
DECEMBER 2015
CSD97396Q4MG4.B TI2-CSD97396Q4MG4.B Datasheet
553Kb / 19P
CSD97396Q4M Synchronous Buck NexFET™ Power Stage
DECEMBER 2015
CSD97396Q4MT TI1-CSD97396Q4MT Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
More results

Similar Description - CSD97396Q4M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com