Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 4Page - Texas Instruments CSD97396Q4M Datasheet HTML 5Page - Texas Instruments CSD97396Q4M Datasheet HTML 6Page - Texas Instruments CSD97396Q4M Datasheet HTML 7Page - Texas Instruments CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments CSD97396Q4M Datasheet HTML 10Page - Texas Instruments CSD97396Q4M Datasheet HTML 11Page - Texas Instruments CSD97396Q4M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CSD97396Q4M
SLPS572 – DECEMBER 2015
www.ti.com
Feature Description (continued)
Table 1 shows the logic functions of UVLO, PWM, SKIP#, the Control FET Gate and the Sync FET Gate.
Table 1. Logic Functions of the Driver IC
UVLO
PWM
SKIP#
SYNC FET GATE
CONTROL FET GATE
MODE
Active
—
—
Low
Low
Disabled
Inactive
Low
Low
High(1)
Low
DCM(1)
Inactive
Low
High
High
Low
FCCM
Inactive
High
H or L
Low
High
Inactive
Tri-state
H or L
Low
Low
LQ(2)
Inactive
—
Tri-state
Low
Low
ULQ(3)
(1)
Until zero crossing protection occurs.
(2)
Low quiescent current (LQ)
(3)
Ultra-low quiescent current (ULQ)
7.3.4.1 Zero Crossing (ZX) Operation
The zero crossing comparator is adaptive for improved accuracy. As the output current decreases from a heavy
load condition, the inductor current also reduces and eventually arrives at a valley, where it touches zero current,
which is the boundary between continuous conduction and discontinuous conduction modes. The SW pin detects
the zero-current condition. When this zero inductor current condition occurs, the ZX comparator turns off the
rectifying MOSFET.
7.3.5 Integrated Boost-Switch
To maintain a BST-SW voltage close to VDD (to get lower conduction losses on the high-side FET), the
conventional diode between the VDD pin and the BST pin is replaced by a FET which is gated by the DRVL
signal.
7.4 Device Functional Modes
Table 1 shows the different functional modes of CSD97396. The diode emulation mode is enabled with SKIP#
pulled low, which improves light load efficiency. With PWM in tri-state, Power Stage enters LQ mode and the
quiescent current is reduced to 130 µA. When SKIP# is held in tri-state, ULQ mode is enabled and the current is
decreased to 8 µA.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com