Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 12 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 8Page - Texas Instruments CSD97396Q4M Datasheet HTML 9Page - Texas Instruments CSD97396Q4M Datasheet HTML 10Page - Texas Instruments CSD97396Q4M Datasheet HTML 11Page - Texas Instruments CSD97396Q4M Datasheet HTML 12Page - Texas Instruments CSD97396Q4M Datasheet HTML 13Page - Texas Instruments CSD97396Q4M Datasheet HTML 14Page - Texas Instruments CSD97396Q4M Datasheet HTML 15Page - Texas Instruments CSD97396Q4M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
VO
Vin
PWM
VDD
VDD
SKIP#
PWM
GND
BST
DRVH
LL
DRVL
HSgate
Vsw
LSgate
VIN
VSW
PGND
A
Gate Drive
Current (IDD)
V
Gate Drive
Voltage (VDD)
V
Input Voltage
(VIN)
V
Averaged Switched
Node Voltage
(VSW_AVG)
A
Output Current
(IOUT)
Averaging
Circuit
Control
FET
Sync
FET
A
Input Current (IIN)
CSD97396Q4M
LO
Boot
Boot_R
CBoot
Cin
Co
SKIP#
CSD97396Q4M
SLPS572 – DECEMBER 2015
www.ti.com
8.3 System Example
8.3.1 Power Loss Curves
MOSFET centric parameters such as RDS(ON) and Qgd are primarily needed by engineers to estimate the loss
generated by the devices. In an effort to simplify the design process for engineers, Texas Instruments has
provided measured power loss performance curves. Figure 4 plots the power loss of the CSD97396Q4M as a
function of load current. This curve is measured by configuring and running the CSD97396Q4M as it would be in
the final application (see Figure 14). The measured power loss is the CSD97396Q4M device power loss which
consists of both input conversion loss and gate drive loss. Equation 1 is used to generate the power loss curve.
Power Loss = (VIN × IIN) + (VDD × IDD) – (VSW_AVG × IOUT)
(1)
The power loss curve in Figure 4 is measured at the maximum recommended junction temperature of
TJ = 125°C under isothermal test conditions.
8.3.2 SOA Curves
The SOA curves in the CSD97396Q4M datasheet give engineers guidance on the temperature boundaries within
an operating system by incorporating the thermal resistance and system power loss. Figure 6 and Figure 7
outline the temperature and airflow conditions required for a given load current. The area under the curve
dictates the safe operating area. All the curves are based on measurements made on a PCB design with
dimensions of 4.0 inches (W) × 3.5 inches (L) × 0.062 inch (T) and 6 copper layers of 1 oz. copper thickness.
8.3.3 Normalized Curves
The normalized curves in the CSD97396Q4M data sheet give engineers guidance on the Power Loss and SOA
adjustments based on their application specific needs. These curves show how the power loss and SOA
boundaries will adjust for a given set of systems conditions. The primary Y-axis is the normalized change in
power loss and the secondary Y-axis is the change is system temperature required in order to comply with the
SOA curve. The change in power loss is a multiplier for the Power Loss curve and the change in temperature is
subtracted from the SOA curve.
Figure 14. Power Loss Test Circuit
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com