Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 9Page - Texas Instruments CSD97396Q4M Datasheet HTML 10Page - Texas Instruments CSD97396Q4M Datasheet HTML 11Page - Texas Instruments CSD97396Q4M Datasheet HTML 12Page - Texas Instruments CSD97396Q4M Datasheet HTML 13Page - Texas Instruments CSD97396Q4M Datasheet HTML 14Page - Texas Instruments CSD97396Q4M Datasheet HTML 15Page - Texas Instruments CSD97396Q4M Datasheet HTML 16Page - Texas Instruments CSD97396Q4M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CSD97396Q4M
www.ti.com
SLPS572 – DECEMBER 2015
System Example (continued)
8.3.4 Calculating Power Loss and SOA
The user can estimate product loss and SOA boundaries by arithmetic means (see the Design Example).
Though the Power Loss and SOA curves in this datasheet are taken for a specific set of test conditions, the
following procedure will outline the steps engineers should take to predict product performance for any set of
system conditions.
8.3.4.1 Design Example
Operating Conditions: Output Current (lOUT) = 20 A, Input Voltage (VIN ) = 7 V, Output Voltage (VOUT) = 2.0 V,
Switching Frequency (ƒSW) = 800 kHz, Output Inductor (LOUT) = 0.2 µH
8.3.4.2 Calculating Power Loss
•
Typical Power Loss at 20 A = 3.71 W (Figure 4)
•
Normalized Power Loss for switching frequency
≈ 1.01 (Figure 8)
•
Normalized Power Loss for input voltage
≈ 1.04 (Figure 9)
•
Normalized Power Loss for output voltage
≈ 1.04 (Figure 10)
•
Normalized Power Loss for output inductor
≈ 1.07 (Figure 11)
•
Final calculated Power Loss = 3.71 W × 1.01 × 1.04 × 1.04 × 1.07
≈ 4.34 W
8.3.4.3 Calculating SOA Adjustments
•
SOA adjustment for switching frequency
≈ 0.16°C (Figure 8)
•
SOA adjustment for input voltage
≈ 0.42°C (Figure 9)
•
SOA adjustment for output voltage
≈ 0.46°C (Figure 10)
•
SOA adjustment for output inductor
≈ 0.74°C (Figure 11)
•
Final calculated SOA adjustment = 0.16 + 0.42 + 0.46 + 0.74
≈ 1.78°C
Figure 15. Power Stage CSD97396Q4M SOA
In the design example above, the estimated power loss of the CSD97396Q4M would increase to 4.23 W. In
addition, the maximum allowable board and/or ambient temperature would have to decrease by 1.78°C.
Figure 15 graphically shows how the SOA curve would be adjusted accordingly.
1. Start by drawing a horizontal line from the application current to the SOA curve.
2. Draw a vertical line from the SOA curve intercept down to the board/ambient temperature.
3. Adjust the SOA board/ambient temperature by subtracting the temperature adjustment value.
In the design example, the SOA temperature adjustment yields a reduction in allowable board/ambient
temperature of 1.78°C. In the event the adjustment value is a negative number, subtracting the negative number
would yield an increase in allowable board/ambient temperature.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com