Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M Datasheet(PDF) 17 Page - Texas Instruments

Part # CSD97396Q4M
Description  CSD97396Q4M Synchronous Buck NexFET™ Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD97396Q4M Datasheet(HTML) 17 Page - Texas Instruments

Back Button CSD97396Q4M Datasheet HTML 12Page - Texas Instruments CSD97396Q4M Datasheet HTML 13Page - Texas Instruments CSD97396Q4M Datasheet HTML 14Page - Texas Instruments CSD97396Q4M Datasheet HTML 15Page - Texas Instruments CSD97396Q4M Datasheet HTML 16Page - Texas Instruments CSD97396Q4M Datasheet HTML 17Page - Texas Instruments CSD97396Q4M Datasheet HTML 18Page - Texas Instruments CSD97396Q4M Datasheet HTML 19Page - Texas Instruments CSD97396Q4M Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
0.225 ( x 2)
0.850 (x8)
0.300
0.200
0.200
0.390
0.350
0.225
2.200
0.115
0.738 (x 8)
(0.008)
(0.008)
(0.029)
(0.015)
(0.012)
(0.014)
(0.009)
(0.087)
(0.004)
0.400
(0.016)
0.200
(0.008)
0.300
(0.012)
(0.033)
0.200
(0.008)
0.440 (0.017)
R0.100
R0.100
0.250
(x18)
(0.010)
0.150
(0.006)
0.600 (x 2)
(0.024)
0.200
(x2)
2.250
0.225 ( x 2)
4.050
2.200
0.300
(0.008)
(0.087)
(0.012)
(0.088)
(0.009)
(0.159)
0.150
(0.006)
0.400
(0.016)
R0.100
R0.100
CSD97396Q4M
www.ti.com
SLPS572 – DECEMBER 2015
11.2 Recommended PCB Land Pattern
11.3 Recommended Stencil Opening
NOTE: Dimensions are in mm (inches).
Stencil is 100 µm thick.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com