Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 2Page - STMicroelectronics L9907TR Datasheet HTML 3Page - STMicroelectronics L9907TR Datasheet HTML 4Page - STMicroelectronics L9907TR Datasheet HTML 5Page - STMicroelectronics L9907TR Datasheet HTML 6Page - STMicroelectronics L9907TR Datasheet HTML 7Page - STMicroelectronics L9907TR Datasheet HTML 8Page - STMicroelectronics L9907TR Datasheet HTML 9Page - STMicroelectronics L9907TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Block diagram and pin description
L9907
6/49
DS11800 Rev 5
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
AGND
Logic
SPI
Boost
regulator
Gat
100 /
FS FLAG
SDI
CS
SCK
SDO
IB1
IB2
IS2+
IS2-
IS1+
IS1-
SHS1
SLS1
VB
BST_C
BST_L
VC
GCR
VDH
Vcc
(5V or 3.3V)
DGND
BGND
Vdd
(3.3V)
PWM H1
PWM L1
PWM H2
PWM L2
PWM H3
PWM L3
EN1
EN2
CBS1
SGND1
SGND2
TM
TO3
CBS2
SLS3
GLS3
SHS3
GHS3
SLS2
GLS2
GLS1
SHS2
GHS2
H
3.3V
Vreg
CBS3
SPI
Gate charge current set
100 / 75 / 50 / 25%
Overvolt.
Undervolt.
Overtemp.
SHS1
GHS1
Half bridge driver 2
Half bridge driver 1
Half bridge driver 3
3.3V
Vreg
BST_DIS
GAPGPS00833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com