Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 4Page - STMicroelectronics L9907TR Datasheet HTML 5Page - STMicroelectronics L9907TR Datasheet HTML 6Page - STMicroelectronics L9907TR Datasheet HTML 7Page - STMicroelectronics L9907TR Datasheet HTML 8Page - STMicroelectronics L9907TR Datasheet HTML 9Page - STMicroelectronics L9907TR Datasheet HTML 10Page - STMicroelectronics L9907TR Datasheet HTML 11Page - STMicroelectronics L9907TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Block diagram and pin description
L9907
8/49
DS11800 Rev 5
17
IS2-
Negative input for current sense amplifier 2
I
18
IS2+
Positive input for current sense amplifier 2
i
19
NC
NC
-
20
CBS_3
Bootstrap capacitor for high-side MOSFET, phase 3
I
21
GHS_3
Gate connection for high-side MOSFET, phase 3
O
22
SHS_3
Source connection for high-side MOSFET, phase 3
I
23
NC
NC
-
24
CBS_2
Bootstrap capacitor for high-side MOSFET, phase 2
I
25
GHS_2
Gate connection for high-side MOSFET, phase 2
O
26
SHS_2
Source connection for high-side MOSFET, phase 2
I
27
NC
NC
-
28
CBS_1
Bootstrap capacitor for high-side MOSFET, phase 1
I
29
GHS_1
Gate connection for high-side MOSFET, phase 1
O
30
SHS_1
Source connection for high-side MOSFET, phase 1
I
31
NC
NC
-
32
NC
NC
-
33
TM (1)
Test mode enable input
I
34
PWM_H1 PWM command input for high-side phase 1
I
35
PWM_H2 PWM command input for high-side phase 2
I
36
PWM_H3 PWM command input for high-side phase 3
I
37
FS_FLAG Fault status flag output
O
38
CS
SPI chip select input
I
39
SCK
SPI serial clock input
I
40
SDI
SPI Serial data input
I
41
SDO
SPI serial data output
O
42
TO3
Test output
O
43
EN2
Enable Input 2 (ANDed with EN1 to enable any gate drive output).
I
44
EN1
Enable Input 1 (ANDed with EN2 to enable any gate drive output).
I
45
PWM_L1 PWM command input for low-side phase 1
I
46
PWM_L2 PWM command input for low-side phase 2
I
47
PWM_L3 PWM command input for low-side phase 3
I
48
SGND1
Substrate (and ESD_GND) connection 1
GND
49
Vcc
5 V / 3.3 V power supply input
I
50
NC
NC
-
51
GCR
Connection to resistor for current selection of gate driverO
Table 2. Pin function (continued)
Pin # Pin name
Description
I/O Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com