Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 33Page - STMicroelectronics L9907TR Datasheet HTML 34Page - STMicroelectronics L9907TR Datasheet HTML 35Page - STMicroelectronics L9907TR Datasheet HTML 36Page - STMicroelectronics L9907TR Datasheet HTML 37Page - STMicroelectronics L9907TR Datasheet HTML 38Page - STMicroelectronics L9907TR Datasheet HTML 39Page - STMicroelectronics L9907TR Datasheet HTML 40Page - STMicroelectronics L9907TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
DS11800 Rev 5
37/49
L9907
SPI operation
48
microprocessor must guarantee a dis-overlap between reading of DIAG2 register and
PWM commands toggling.
4.1.1
SDO
1.
SDO CMD1 to CMD4 registers - Response to SDI commands: B(15:13)=000 till 100
SDO responds in the current SPI cycle with the content of the command register CMDn
(n=1 to 4) that is being addressed in the previous SPI cycle. In such a way the controller
may verify the command data being stored in the proper register (WE=1 in the previous SPI
cycle), or simply verify the correct IC data retention of initially programmed commands
(WE=0).
2.
SDO DIAG register - Diagnostic read cycle: B(15:13) = 110
During its operation the IC detects diagnostic data that is made available at SDO SPI output
pin. Such diagnostic data is mainly related to output gate drivers, in order to check for
example under voltage condition on high-side or low-side (UV_HS and UV_LS) together
with over current information due to a short circuit fault on each external high and low-side
FET (VSCHS1-2-3 and VSCLS1-2-3). Additionally the device diagnostic allows also to
check Thermal Shutdown Fault (THSD), under and over voltage condition on VB line (VBUV
and VBOV) and VCC line (VccOV, VccUV).
Table 36. SDO bit map definition
Item B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
CMD0
0000
-
-
DT1
DT0
IG_1
IG_0
G21
G20
Off2
G11
G10
Off1
CMD1
001
--
CMD2
010
--
-
CMD3
011
--
CMD4
100
--
DIAG
110
VBOV
VBUV VccOV VccUV
DIAG2
111
-
-
-
SHT3
SHT2
SHT1
1. Not cleared after read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com