Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 29Page - STMicroelectronics L9907TR Datasheet HTML 30Page - STMicroelectronics L9907TR Datasheet HTML 31Page - STMicroelectronics L9907TR Datasheet HTML 32Page - STMicroelectronics L9907TR Datasheet HTML 33Page - STMicroelectronics L9907TR Datasheet HTML 34Page - STMicroelectronics L9907TR Datasheet HTML 35Page - STMicroelectronics L9907TR Datasheet HTML 36Page - STMicroelectronics L9907TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
DS11800 Rev 5
33/49
L9907
SPI operation
48
b)
SC_HS1 and SC_HS0 (B5-B4) are used to select short circuit detection threshold
for high-side external MOSFET ('00' default condition at Power Up):
Table 30. Short circuit detection threshold for low-side external MOSFET
Note:
The accuracy in ranges in Table 30 is valid for VB > 6 V. For VB < 6 V the accuracy is 22.5%
for each configuration.
c)
VBOV2 and VBOV1 (B3-B2) are used to select over voltage threshold for single or
double battery application
Table 31. VB over voltage threshold for single or double battery application
The power-up default value for this parameter is "01", corresponding to double battery
applications.
A SPI command attempting to set a not allowed VBOV configuration does not return any SPI
error, and the VBOV configuration register retains its previous value.
d)
EN_THSD, EN_VBOV EN_VBUV (B12,B9,B8) are used to enable/disable effect
of Thermal Shut Down, VB overvoltage, VB Under Voltage faults respectively.
Default value is '1' for all of them, that means "fault effect is enabled".
e)
VCCOV2 and VCCOV1 (B1-B0) are used to select the VCC over voltage thresholds:
VSC_HS
B5 = SC_HS1
B4 = SC_HS0
0.4 – 0.6 V
0
0
0.7 – 0.9 V
0
1
0.9 – 1.1 V
1
0
1.17 – 1.43 V
1
1
VBOV
B3 = VBOV2
B2 = VBOV1 (1)
1. For power supply configuration in 48 V domain, please refer to AN5124.
27.5 – 34.5 V
1
0
36 – 42 V (Default)
0
1
Not Allowed
0
0
Not Allowed
1
1
Table 32. CMD1 SDI SPI bits vs. enabled fault
CMD1 SDI SPI BIT
Name
Description (Default value=’1’)
B12
EN_THSD
It enables Thermal shut down fault effect in case of THSD fault detection
B9
EN_VBOV
It enables VBOV fault effect in case of VBOV fault detection
B8
EN_VBUV
It enables VBUV fault effect in case of VBUV fault detection
Table 33. VCC over voltage threshold
VCCOV
B1 = VCCOV2
B0 = VCCOV1
3.3 V (default)
1
0
5.0 V
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com