Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 5Page - STMicroelectronics L9907TR Datasheet HTML 6Page - STMicroelectronics L9907TR Datasheet HTML 7Page - STMicroelectronics L9907TR Datasheet HTML 8Page - STMicroelectronics L9907TR Datasheet HTML 9Page - STMicroelectronics L9907TR Datasheet HTML 10Page - STMicroelectronics L9907TR Datasheet HTML 11Page - STMicroelectronics L9907TR Datasheet HTML 12Page - STMicroelectronics L9907TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DS11800 Rev 5
9/49
L9907
Block diagram and pin description
48
52
Vdd
3.3 V power supply output (for IC internal purpose only)
O
53
DGND
Digital ground
GND
54
VB
Protected battery monitor
I
55
NC
NC
-
56
BST_L
Boost regulator inductance connection
O
57
BGND
Boost ground
GND
58
BST_DIS Boost disable
I
59
NC
NC
-
60
BST_C
Boost regulator capacitance connection
I
61
NC
NC
-
62
VCAP
Decoupling capacitor for power supply of low-side drivers
I
63
NC
NC
-
64
VDH
High-side drain voltage sense
I
1. TM pin has to be connected to ground in the application.
Table 2. Pin function (continued)
Pin # Pin name
Description
I/O Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com