Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 27Page - STMicroelectronics L9907TR Datasheet HTML 28Page - STMicroelectronics L9907TR Datasheet HTML 29Page - STMicroelectronics L9907TR Datasheet HTML 30Page - STMicroelectronics L9907TR Datasheet HTML 31Page - STMicroelectronics L9907TR Datasheet HTML 32Page - STMicroelectronics L9907TR Datasheet HTML 33Page - STMicroelectronics L9907TR Datasheet HTML 34Page - STMicroelectronics L9907TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
DS11800 Rev 5
31/49
L9907
SPI operation
48
1.
CMD0 register - Driver settings: B(15:13) = 000
a)
DT1 and DT0 (B9,B8) are used to select dead time (tDT) parameter: ('00' default
condition at Power-On Reset)
b)
IG_1 and IG_0 (B7,B6) are used to select turn on/off current value: ('00' default
condition at Power-On Reset)
c)
G21 and G20 (B5,B4) are used to select current sense amplifier 2 gain: ('00'
default condition at power on reset)
Table 24. SDI frame structure
Bit position
Description
B(15:13)
SDI command selection bits, used to select the SPI operation to be implemented
B11 (Par)
odd parity bit
B10 (WE)
Write Enable bit.
A SPI cycle with WE=1 transfers the SDI data to the addressed CMDx register.
A SPI cycle with WE=0 transfers the content of the addressed CMDx register to the SDO data of
the following SPI cycle.
B(9:0)
the SDI setting bits to be internally stored for device operation in case of writing SPI cycle
Table 25. Dead time parameter
Dead time
B9 = DT1
B8 = DT0
100-200ns
0
0
300-500 ns
0
1
700-1000 ns
1
0
1000-1500 ns
1
1
Table 26. Turn on/off current
Percentage
B7 = IG_1
B6 = IG_0
25%
0
0
50%
0
1
75%
1
0
100%
1
1
Table 27. Current sense amplifier 2 gain
Gain
B5=
G21
B4=
G20
10
0
0
300
1
50
1
0
100
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com