Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 21Page - STMicroelectronics L9907TR Datasheet HTML 22Page - STMicroelectronics L9907TR Datasheet HTML 23Page - STMicroelectronics L9907TR Datasheet HTML 24Page - STMicroelectronics L9907TR Datasheet HTML 25Page - STMicroelectronics L9907TR Datasheet HTML 26Page - STMicroelectronics L9907TR Datasheet HTML 27Page - STMicroelectronics L9907TR Datasheet HTML 28Page - STMicroelectronics L9907TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
DS11800 Rev 5
25/49
L9907
Electrical specifications
48
3.5.7
Current sense amplifier
The device is operated in the specified operating range, unless otherwise specified
(VCC = 3.20 V to 5.25 V, VB = 4.2 V to 54 V, Tj = -40 °C to 150 °C).
Note:
Table 20 is referred to bidirectional current measurement (shunt resistors on the phase of
the motor).
Table 19. Gate voltage monitoring
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VG UV HS
Undervoltage threshold for
HS gate driver. It monitors the
voltage difference between
boost output pin BST_C and
HS FET drain connection
VDH
V(BST_C)-V(VDH)
4.6
-
6.8
V
VG UV LS
Undervoltage threshold for
LS gate driver. It monitors the
voltage difference between
low-side gate driver supply
pin VCAP and LS FET 3
source connection SLS3
V(VCAP)-V(SLS3)
7.4
8.2
9.0
V
tUV VG
Undervoltage filter time
(guaranteed through
scan)
3.5
5
7
µs
Table 20. Phase current sense amplifier (SPI select: Offx=1, where x=1,2)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vin_off
Differential input offset
voltage
--5
-
5
mV
Vio_step
Calibration step of
Differential input offset
voltage(1)
-0.5
1
1.5
mV
VICM
Common mode input
voltage range
Operating
-2
-
VB+4
V
Transient (t < 1 µs)
-7
-
VB+20
V
Vobias
Output bias voltage
V(Isx+) -V(Isx-) = 0
0.5*Vcc-
0.5(2)
0.5*Vcc
0.5*Vcc+
0.5(3)
V
IOD
Input offset drift (3)
Vcc = 5V
-
7
14
µV/°C
CMRR
Input common mode
rejection ratio
-70
86
-
dB
ISX+(4)
Positive input pin current
Gain = 10 to 100,
VCC = 5 V
-200
-
-
µA
ISX-(4)
Negative input pin current
Gain = 10 to 100,
VCC = 5 V
-1
-
-
mA
BST_C PSRR
Rejection ratio for Boost
output power supply to
amplifier Input
V(BST_C) / V(IBx)
f=350KHz
40(5)
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com