Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 30Page - STMicroelectronics L9907TR Datasheet HTML 31Page - STMicroelectronics L9907TR Datasheet HTML 32Page - STMicroelectronics L9907TR Datasheet HTML 33Page - STMicroelectronics L9907TR Datasheet HTML 34Page - STMicroelectronics L9907TR Datasheet HTML 35Page - STMicroelectronics L9907TR Datasheet HTML 36Page - STMicroelectronics L9907TR Datasheet HTML 37Page - STMicroelectronics L9907TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
SPI operation
L9907
34/49
DS11800 Rev 5
The Power Up default value for this parameter is "10", corresponding to Vcc = 3.3 V
applications.
A SPI command attempting to set a not allowed VCCOV configuration does not return any
SPI error, and the VCCOV configuration register retains its previous value.
3.
CMD2 register - Test Mode Selections: B(15:13) = 010
a)
SDI bit B12: GCR_INT_I
This bit is accessible for writing only if AND(EN1,EN2)='0': trying to write it without
lowering AND(EN1,EN2) will not generate any SPI error but command will be
simply ignored for the specific bit.
Once written, CMD2 B12 changes the status of the output GCR_INT_I (refer to
Section 2.5.1).
b)
SDI bit B9: BstDisEN
This bit is accessible for writing only if AND(EN1,EN2)='0': trying to write it without
lowering AND(EN1,EN2) will not generate any SPI error but command will be
simply ignored for the specific bit.
Once written, CMD2 B9 determines how to behave in case of activation of
BST_DIS pin. In case this bit is set and activating BST_DIS pin brings the device
to switch-off BST_CLK till BST_DIS pin becomes low (refer to Section 2.4.1).
c)
SDI bit B8: SHT_PH
This bit is accessible for writing only if AND(EN1,EN2)='0': trying to write it without
lowering AND(EN1,EN2) will not generate any SPI error but command will be
simply ignored for the specific bit.
Once written, CMD2 B8 determines how to behave in case of shoot-through
detected. In case this bit is not set (default) a shoot-through in any phase will
prevent the actuation of all commands, only the involved phase is inhibited
otherwise (refer to Section 2.5.2).
d)
VSCTST (B7) = '1' activates Test Function for short circuit level ('0' is the default
value).
e)
VOVTST (B6) = '1' activates Test Function for VCC over-voltage level ('0' is the
default value).
f)
SDI bit B5: Short_PH
This bit is accessible for writing only if AND(EN1,EN2)='0': trying to write it without
lowering AND(EN1,EN2) will not generate any SPI error but command will be
simply ignored for the specific bit.
Once written, CMD2 B5 determines how to behave in case of external FET (both
HS and LS) short detected. In case this bit is not set (default) a short in any phase
will prevent the actuation of all commands, only the involved phase is inhibited
otherwise (refer to Section 2.5.3).
Not Allowed
0
0
Not Allowed
1
1
Table 33. VCC over voltage threshold (continued)
VCCOV
B1 = VCCOV2
B0 = VCCOV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com