Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 17Page - STMicroelectronics L9907TR Datasheet HTML 18Page - STMicroelectronics L9907TR Datasheet HTML 19Page - STMicroelectronics L9907TR Datasheet HTML 20Page - STMicroelectronics L9907TR Datasheet HTML 21Page - STMicroelectronics L9907TR Datasheet HTML 22Page - STMicroelectronics L9907TR Datasheet HTML 23Page - STMicroelectronics L9907TR Datasheet HTML 24Page - STMicroelectronics L9907TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
DS11800 Rev 5
21/49
L9907
Electrical specifications
48
3.5.2
Voltage regulator VDD
The device is operated in the specified operating range, unless otherwise specified
(VCC = 3.20 V to 5.25 V, VB = 4.2 V to 54 V, Tj = -40 °C to 150 °C).
IVB
VB supply current
VB= 13V, Vcc= 3.3V, open
outputs, fPWM =0
--
10
mA
IBST_C
VB = 13 V, drivers off, boost off
-
-
10
mA
VCC
Operating supply voltage range
-
3.20
-
5.25
V
Icc
Vcc DC supply current
VB= 13 V, Vcc = 3.3 V
-
-
20
mA
VB= 13 V, Vcc = 5 V
-
-
25
mA
Vcc UV
Vcc undervoltage monitor
-
2.9
3.05
3.2
V
VCC OV
3.3V
Vcc overvoltage monitor for 3.3V
supply system
VCCOV2,VCCOV1=10, 
Default on 3.3V
3.4
3.55
3.7
V
VCC OV
5V
Vcc overvoltage monitor for 5V
supply system
VCCOV2,VCCOV1=01
5.45
5.75
6.0
V
VCC OV
test
Vcc overvoltage monitor for safety
integrity check
VOVTST = 1 (CMD2, B6)
2.6
2.8
3.0
V
Td Vcc
Overvoltage and undervoltage time
delay for noise rejection
(guaranteed through scan)
30
-
80
µs
VDD UV
VDD undervoltage monitor and
reset
-2.5
2.7
2.8
V
AGNDloss AGND loss threshold
Ramp AGND starting from 0 V
150
220
290
mV
Table 12. Supply electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 13. Voltage regulator VDD
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VDD
-
No external current load
3.0
3.3
3.6
V
Twuae
Wake up time (design info)
Time from VCC to steady
state to Vdd power on reset
release (with 100 nF on Vdd)
-
-
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com