Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 14Page - STMicroelectronics L9907TR Datasheet HTML 15Page - STMicroelectronics L9907TR Datasheet HTML 16Page - STMicroelectronics L9907TR Datasheet HTML 17Page - STMicroelectronics L9907TR Datasheet HTML 18Page - STMicroelectronics L9907TR Datasheet HTML 19Page - STMicroelectronics L9907TR Datasheet HTML 20Page - STMicroelectronics L9907TR Datasheet HTML 21Page - STMicroelectronics L9907TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Electrical specifications
L9907
18/49
DS11800 Rev 5
3
Electrical specifications
3.1
Maximum operating ranges
The device may not operate properly if the maximum operating condition is exceeded.
3.2
Absolute maximum ratings
Maximum ratings are absolute ratings; exceeding any one of these values may cause
permanent damage to the integrated circuit.
Table 8. Maximum operating conditions
Symbol
Parameter
Value
Unit
VB
Protected battery monitor voltage
4.2 to 54(1)
1. Maximum operating voltage is 75 V in dynamic conditions.
V
VCC
5 V / 3.3 V power supply
3 to 5.5
V
VDH
High-side drain voltage sense
4.2 to 54(1) (2)
2. VDH maximum operating voltage range is limited by V(BST_C)-15 V.
V
SHS_1 to 3 High-side source voltage
-7 to 54(1) (3)
3. SHS maximum operating voltage range is limited by V(CBSxmax)-15 V.
V
ISxx
Current sense amplifier input pin voltage
-2 to VDH +4(4)
4. Maximum operating voltage is VDH +20 V in dynamic conditions.
V
Table 9. Absolute maximum ratings
Parameter
Pin
Min
Max
Unit
Monitor supply pin
VB
-0.3
75
V
-10
+10
mA
Power supply pins
BST_C
-0.3
90
V
-100
100
mA
BST_L
-0.3
90
V
-100
100
mA
Vcc
-0.3
35
V
-10
25
mA
Vdd
-0.3
4.6
V
-10
15
mA
VCAP
-0.3
20
V
-100
100
mA
Miscellaneous Analog/Digital input
pins
PWM_H1 to 3, PWM_L1 to 3, EN1,
EN2, BST_DIS,TM, CS, SCK, SDI
-0.3
35
V
-100
100
mA
Miscellaneous Analog/Digital output
pins
IB1, IB2, FS_FLAG, SDO, TO3
-0.3
35(1)
V
-100
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com