Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 38Page - STMicroelectronics L9907TR Datasheet HTML 39Page - STMicroelectronics L9907TR Datasheet HTML 40Page - STMicroelectronics L9907TR Datasheet HTML 41Page - STMicroelectronics L9907TR Datasheet HTML 42Page - STMicroelectronics L9907TR Datasheet HTML 43Page - STMicroelectronics L9907TR Datasheet HTML 44Page - STMicroelectronics L9907TR Datasheet HTML 45Page - STMicroelectronics L9907TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Application circuit
L9907
42/49
DS11800 Rev 5
5.2
48 V system
Figure 9. Application circuit, 48 V system
5.3
Bill of materials
The following table summarizes the suggested BOM for both systems shown in the Figure 8
and Figure 9.
Reverse battery protection
BST_L
BGND
VB
Keep this loop
area small
BST_C
VDH
CBS1
GHS1
SHS1
CBS2
GHS2
SHS2
CBS3
GHS3
SHS3
GLS1
SLS1
GLS2
SLS2
GLS3
SLS3
IS1+
IS1-
IS2+
IS2-
GCR
SGND1
SGND2
DGND
DGND
IB2
IB1
VCAP
TO3
TM
SDO
SCK
CS
SDI
FS FLAG
BST_DIS
EN2
EN1
PWM L3
PWM H3
PWM L2
PWM H2
PWM L1
PWM H1
VDD
VCC
BATTERY
T
HS3
T
HS2
T
HS1
C
HB
C
BST2
C
BST1
C
BS1
C
BS2
C
BS3
C
IN
T
LS1
T
LS2
T
LS3
R
GHS11
R
GHS12
R
GHS13
R
GLS11
R
GLS12
R
GLS13
C
LSD
C
IS1+
C
IS1-
C
IS2+
C
IS2-
C
VCC
C
VDD
R
IB1
R
IB2
C
IB1
C
IB2
R
GCR
MCU
Power
Supply
R
BP1
R
BP2
C
BP
T
BP
L9907
R
GHS21
R
GHS22
R
GHS23
R
GLS21
R
GLS22
R
GLS23
L
BST
D
1
BLDC
Motor
_
R
SHUNT1
R
SHUNT2
D
2
D
3
T
RB1
T
RB2
C
RB1
R
RB1
R
RB2
R
RB3
Table 37. Application circuit - BOM
Component
#
Min
Typ
Max
Unit
Recommended Voltage/
Part Number
Comment
12 V
system
24 V
system
48 V
system
CIN
1
-
100
-
μF
50 V
100 V
-
CRB1
-
390
-
nF
50 V
100 V
-
CBST1
-
100
-
nF
50 V
100 V
-
CBST2
-1-
μF
25 V
-
CBP
-
100
-
nF
-
50 V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com