Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 97Page - STMicroelectronics L9908 Datasheet HTML 98Page - STMicroelectronics L9908 Datasheet HTML 99Page - STMicroelectronics L9908 Datasheet HTML 100Page - STMicroelectronics L9908 Datasheet HTML 101Page - STMicroelectronics L9908 Datasheet HTML 102Page - STMicroelectronics L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
Figure 76. Actuation Timers timing diagram on ACT (positive & negative polarity)
The content of the count is stored into a dedicated 11bit SPI read-only register ACTn.
Reconstruction formula:
TON−OFF=ΔACT_LSB×DACTn
(24)
Where: DACTn is the digital word stored in ACTn and ∆ACT_LSB is the ACT counter quantization step.
Example:
DACTn = 10001010101 (binary) à 1109 (decimal)
ACT_CFG = 01
TON_PVF = 1109 *0.4 μs = 443.6 us ±50 ns
In case the measured time window will exceed the maximum count allowed the counter overflow is flagged by
setting to ‘1’ a dedicated SPI read-only register ACTn_OVF.
Note:
when ACT overflow condition is reached on n-th counter the ACTn value keeps the full-scale value until another
counting window is started or the disabling of ACT function.
The ACT function can be enabled according to the following SPI bits:
Table 97. Actuation Timers enable bits
ACT_EN
Description
0
ACT Disabled (Default)
1
ACT Enabled
Table 98. Actuation Timers electrical characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Notes
ACT_res
ACT resolution
-
-
11
-
bits
Not subject to production test
ACT_lsb
ACT LSB
-
-
0.4
-
μs
Not subject to production test
ACT_in_acc
ACT accuracy
CLK_SSM_EN = 0
-50
-
50
ns
Not subject to production test
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Note:
Internal counter is a 14-bit counter with LSB equal to 50 ns. ACT readout and TSYNC configuration however are
available only through the internal counter 11MSB.
L9908
Functional description
DS13546 - Rev 5
page 101/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com