Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 101Page - STMicroelectronics L9908 Datasheet HTML 102Page - STMicroelectronics L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics L9908 Datasheet HTML 106Page - STMicroelectronics L9908 Datasheet HTML 107Page - STMicroelectronics L9908 Datasheet HTML 108Page - STMicroelectronics L9908 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
5.20.1
Protocol description
L9908 implements a SPI-server interface based on a 32-bit protocol.
This server interface then always requires a SPI-controller device (ex. uC) which is responsible for generating the
selection and the synchronization signals (NCS, SCLK) necessary to the data transmission.
The interface supports star mode connections along with other SPI-server devices while it does not support daisy-
chain mode connections (input data are not transmitted directly to the output port).
Figure 80. SPI connection modes "a" star connection (supported) "b" daisy-chain connection (not
supported)
The data exchange has an out-of-frame structure: each MISO output frame is related to the previously transmitted
MOSI frame.
SPI-controller can directly verify if the previous frame has been received and processed correctly.
NCS pin (chip select) is used by the SPI-controller to enable/disable the data communication. Communication
starts with the NCS falling edge while is stopped with the NCS rising edge. As long as NCS is high any transition
at the SCLK and SDI pins (including glitches) is ignored and SDO is forced into a high-Z state.
SCLK pin (Synchronous serial clock) is used by the SPI-controller to synchronize the data communication. Each
correct communication shall contain 32 SCLK pulses.
At each SCLK rising edge SDI and SDO data are updated respectively by SPI-controller and L9908 (shift), at
each SCLK falling edge SDI and SDO data are sampled respectively by L9908 and SPI-controller (capture).
SCLK has to be low during the NCS transition.
SDI pin (Serial data input) is used by the SPI-controller to deliver the 32-bit input frame to L9908. In MOSI
communication, the first bit expected is MSB while the last is LSB.
SDO pin (Serial data output) is used by L9908 to transmit the 32-bit data output. In MISO communication, the first
bit transmitted is MSB while the last is LSB.
Figure 81. SPI timing diagram
Table 102. SPI timing characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
SPI_fclk
Transfer frequency
50% duty cycle(1)
-
10 10.2 MHz
SPI_tpcld_tsdo_trans Propagation delay
SCLK to data at SDO is valid
-
-
100
ns
L9908
Functional description
DS13546 - Rev 5
page 105/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com