Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 98Page - STMicroelectronics L9908 Datasheet HTML 99Page - STMicroelectronics L9908 Datasheet HTML 100Page - STMicroelectronics L9908 Datasheet HTML 101Page - STMicroelectronics L9908 Datasheet HTML 102Page - STMicroelectronics L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics L9908 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 152 page
background image
5.18
Ground Loss Monitor (GLM)
L9908 implements two ground reference pins, a Power Ground (PGND) dedicated as reference for the noisy, high
power gate supply circuitry (CP1, CP2) and a Signal Ground (SGND) dedicated to the low power internal analog/
digital circuitry.
For EMI robustness the GND pin is internally split in two GND reference PADs: GND_ANA (ground reference for
analog circuitry supplied from V3V3_ANA) and GND_DIG (ground reference for digital circuitry supplied by
V3V3_DIG), GND_ANA is connected to the ESD GND ring by means of a direct metal connection and bias the
substrate through SUB Plugs placed all around IC border.
GND_ANA and PGND are connected to the ESD GND by means of a standard ESD protection for ground pins
composed by a double couple of anti-parallel LV diodes.
Figure 77. Ground pins inter-connection
L9908 implements a monitoring unit to detect disconnection affecting ground references.
If VPGND-VGND_ANA ≥ VTH_GND occurs for an interval longer than T_glm_loss_flt filtering time, the
PGND_LOSS flag is set.
If VGND_DIG-VGND_ANA ≥ VTH_GND occurs for an interval longer than T_glm_loss_flt filtering time, the
DGND_LOSS flag is set.
If VGND_DIG-VPGND ≥ VTH_GND occurs for an interval longer than T_glm_loss_flt filtering time, the
AGND_LOSS flag is set.
The correct operation Ground Loss Monitor stage is safety relevant and then a self-check procedure is
implemented.
Table 99. GLM electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
GLM_th
GLM detection threshold VTH_GND
0.24
0.4
0.55
V
-
T_glm_loss_flt
GLM filter time
1
1.25
1.5
ms
Digital Filter
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.19
Temperature Monitor (OTM)
L9908 implements a monitoring unit of the average junction temperature able to detect excessive over-heating
conditions affecting the device.
L9908
Functional description
DS13546 - Rev 5
page 102/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com