Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 106 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 102Page - STMicroelectronics L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics L9908 Datasheet HTML 106Page - STMicroelectronics L9908 Datasheet HTML 107Page - STMicroelectronics L9908 Datasheet HTML 108Page - STMicroelectronics L9908 Datasheet HTML 109Page - STMicroelectronics L9908 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 152 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Cload_max = 200 pF including
parasitics
SPI_tcsdv
NCS=LOW to data at SDO active
Cload_max = 200 pF inlcuding
parasitics
-
-
200
ns
SPI_tpchdz
NCS L/H to SDO at high-Z
Cload_max = 200 pF including
parasitics
-
-
200
ns
SPI_tsclch
SCLK before NCS low
(2)
50
-
-
ns
SPI_thclcl
SCLK change L/H after NCS=LOW
(2)
130
-
-
ns
SPI_tsclcl
SCLK low before NCS high
(2)
50
-
-
ns
SPI_thclch
SCLK high after NCS high
(2)
50
-
-
ns
SPI_tscld
SDI input setup time
(2)
20
-
-
ns
SPI_thcld
SDI input hold time
(2)
20
-
-
ns
SPI_tonNCS
NCS min. high time
(2)
650
-
-
ns
SPI_tclh
Minimum time SCLK=HIGH
(2)
45
-
-
ns
SPI_tcll
Minimum time SCLK=LOW
(2)
45
-
-
ns
SPI_Cin
Input pin capacitance
(2)
-
-
30
pF
SPI_Cout_hiz
MISO output pin capacitance in tri-state (2)
-
-
50
pF
1. SPI max frequency may be less depending on the total capacitive load or MCU timing requirements.
2. Not subject to production test, specified by design - not tested in production.
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Functional description
DS13546 - Rev 5
page 106/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com