Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 1 Page - STMicroelectronics

  L9942 Datasheet HTML 1Page - STMicroelectronics L9942 Datasheet HTML 2Page - STMicroelectronics L9942 Datasheet HTML 3Page - STMicroelectronics L9942 Datasheet HTML 4Page - STMicroelectronics L9942 Datasheet HTML 5Page - STMicroelectronics L9942 Datasheet HTML 6Page - STMicroelectronics L9942 Datasheet HTML 7Page - STMicroelectronics L9942 Datasheet HTML 8Page - STMicroelectronics L9942 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
September 2013
Doc ID 11778 Rev 7
1/40
1
L9942
Integrated stepper motor driver for bipolar stepper motors
with microstepping and programmable current profile
Features
■ Two full bridges for max. 1.3 A load
(RDSON = 500 m)
■ Programmable current waveform with look-up
table: 9 entries with 5 bit resolution
■ Current regulation by integrated PWM
controller and internal current sensing
■ Programmable stepping mode: full, half, mini
and microstepping
■ Programmable slew rate for EMC and power
dissipation optimization
■ Programmable Fast-, Slow-, Mixed- and Auto-
Decay Mode
■ Full-scale current programmable with 3 bit
resolution
■ Programmable stall detection
■ Step clock input for reduced µController
requirements
■ Very low current consumption in standby mode
IS < 3 µA, typ. Tj  85 °C
■ All outputs short circuit protected with
openload, overload current, temperature
warning and thermal shutdown
■ The PWM signal of the internal PWM controller
is available as digital output.
■ All parameters are guaranteed for 3 V < Vcc <
5.3 V and for 7 V < Vs < 20 V
Applications
Stepper motor driver for bipolar stepper motors in
automotive applications like light levelling,
Bending light and Throttle control.
Description
The L9942 is an integrated stepper motor driver
for bipolar stepper motors with microstepping and
programmable current profile look-up-table to
allow a flexible adaptation of the stepper motor
characteristics and intended operating conditions.
It is possible to use different current profiles
depending on target criteria: audible noise,
vibrations, rotation speed or torque. The decay
mode used in PWM-current control circuit can be
programmed to slow-, fast-, mixed-and auto-
decay. In autodecay mode device will use slow
decay mode if the current for the next step will
increase and the fast decay or mixed decay mode
if the current will decrease. The programmable
stall detection is useful in case of head lamp
leveling and bending light application, by
preventing to run the motor too long time in stall
for position alignment. If a stall is detected, the
alignment process is closed and the noise is
minimized.
PowerSSO24
Table 1.
Device summary
Order code
Junction temp. range,
CPackage
Packing
L9942XP1
-40 to 150
PowerSSO24
Tube
L9942XP1TR
-40 to 150
PowerSSO24
Tape and reel
www.st.com


Similar Part No. - L9942

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
L9942XP1 STMICROELECTRONICS-L9942XP1 Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
More results

Similar Description - L9942

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
logo
Allegro MicroSystems
A3989 ALLEGRO-A3989 Datasheet
1Mb / 12P
Bipolar Stepper and High Current DC Motor Driver
A3989_V ALLEGRO-A3989_V Datasheet
382Kb / 13P
Bipolar Stepper and High Current DC Motor Driver
logo
STMicroelectronics
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
logo
Allegro MicroSystems
A4979GLPTR-T ALLEGRO-A4979GLPTR-T Datasheet
1Mb / 44P
Microstepping Programmable Stepper Motor Driver With Stall Detect and Short Circuit Protection
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Allegro MicroSystems
A5989 ALLEGRO-A5989 Datasheet
775Kb / 14P
Bipolar Stepper and High-Current DC Motor Driver
logo
TRINAMIC Motion Control...
TMC2226 TRINAMIC-TMC2226 Datasheet
1Mb / 83P
POWER DRIVER FOR STEPPER MOTORS INTEGRATED CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com