Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 10Page - STMicroelectronics L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics L9942 Datasheet HTML 16Page - STMicroelectronics L9942 Datasheet HTML 17Page - STMicroelectronics L9942 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Electrical specifications
L9942
14/40
Doc ID 11778 Rev 7
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Leaving the limitation of any of these values may cause an
irreversible damage of the integrated circuit!
3.2
ESD protection
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 28
V
single pulse tmax < 400 ms
40
V
VCC
Stabilized supply voltage, logic supply
-0.3 to 5.5
V
VDI,VDO,
VCLK VCSN,
VSTEP VEN
Digital input / output voltage
-0.3 to VCC + 0.3
V
VRREF
Current reference resistor
-0.3 to VCC + 0.3
V
VCP
Charge pump output
-0.3 to VS + 11
V
VQxn
(x=A;B n=1;2) output voltage
-0.3 to VS + 0.3
V
IQxn
(x=A;B n=1;2) output current
2.5
A
Table 5.
ESD protection
Parameter
Value
Unit
All pins
2 (1)
1.
HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-A
kV
output pins: Qxn (x=A;B n=1;2)
4(2)
2.
HBM with all unzapped pins grounded
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com