Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 23Page - STMicroelectronics L9942 Datasheet HTML 24Page - STMicroelectronics L9942 Datasheet HTML 25Page - STMicroelectronics L9942 Datasheet HTML 26Page - STMicroelectronics L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
L9942
SPI - control and status registers
Doc ID 11778 Rev 7
27/40
5.8
Auxiliary logic blocks
5.8.1
Fault condition
Logical level at pin D0 represents fault condition. It is valid from first high to low edge of
signal CLK up to transfer of data bit D12. Fault bit is an logical OR of:
Control and status register 6 bit 5 and 6 for open load, bit 7 reference current failure
(RERR) and
Control and status register 7 bit 0 to bit 7 for overcurrent, bit 8 and 9 failure at VS
(UV,OV) and
bit 10 and bit 11 during high temperature (TW,TSD)
5.8.2
SPI communication monitoring
At the rising edge of the CSN signal the contents of the shift register will be transferred to
the selected data register. A counter monitors proper SPI communication. It counts rising
edges at pin CLK. The writing to the register is only enabled if exactly 16 bits are transmitted
within one communication frame (i.e. CSN low). If more or less clock pulses are counted
within one frame the complete frame will be ignored. This safety function is implemented to
avoid an activation of the output stages by a wrong communication frame. SPI
communication can be checked by loading a command twice and then answer at pin DO
must be same.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is
recommended.
5.8.3
PWM monitoring for stall detection
Control registers 4, 5, and 3 contain bits D0-D7, use for setting a stall detection threshold.
The value in this set of bits determine the minimum time for current rise over one quadrant of
motor driving. D7-D0 is compared with the sum of the rise times over one quadrant. When
the sum is less than the value stored in D7-D0 the ST bit (register 6 bit 8) is set to a logic “1”.
The PWM pin reflects the PWM control signal of the load current in bridge A. This is so after
power on when the SST bit (register 6, bit11) is reset to a logic “0”. If this bit is set to a
logical “1” then status of the ST bit 8 is mirrored to pin PWM. This provides stall detection
without the need of reading register 6 through the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com