Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 20Page - STMicroelectronics L9942 Datasheet HTML 21Page - STMicroelectronics L9942 Datasheet HTML 22Page - STMicroelectronics L9942 Datasheet HTML 23Page - STMicroelectronics L9942 Datasheet HTML 24Page - STMicroelectronics L9942 Datasheet HTML 25Page - STMicroelectronics L9942 Datasheet HTML 26Page - STMicroelectronics L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
SPI - control and status registers
L9942
24/40
Doc ID 11778 Rev 7
5.2
Register 1
The meaning of the different bits is as follows:
5.3
Register 2
The meaning of the different bits is as follows:
:
Table 15.
Register 1
Bit
DAC scale
DAC phase B
DAC phase A
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r w
r w
r w
r
r
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
DC2
DC1
DC0
BI4
BI3
BI2
BI1
BI0
AI4
AI3
AI2
AI1
AI0
AI4 AI3 AI2 AI1 AI0
These bits control DAC of
bridge A.
Value depends on address and the value of corresponding
current profile.
BI4 BI3 BI2 BI1 BI0
These bits control DAC of
bridge B.
DC2 DC1 DC0
These bits set full scale range
of limit, e.g. 000 for 100 mA or
111 for e.g. 1500 mA
See also parameter Table 12.
Table 16.
Register 2
Bit
Current profile 1
OV
Test only
Current profile 0
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
I4
I3
I2
I1
I0
OVW
T1
T0
I4
I3
I2
I1
I0
I4 I3 I2 I1 I0
These bits are loaded in register1 DAC Phase A or B if needed.
See also parameter Table 12
T1 T0
Should be programmed to 0.
-
OVW = 0
In case of an overvoltage event (V-SOV OFF) the outputs are
switched to high impedance state and the Vs Monitor bit OV is
set.
-
OVW = 1
In case of an overvoltage event (V-SOV OFF) the Vs Monitor bit
OV is set. The status of the outputs are unchanged.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com